Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A3157YEPR Datasheet(PDF) 9 Page - Texas Instruments

Part # TS5A3157YEPR
Description  10-ohm SPDT ANALOG SWITCH
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A3157YEPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TS5A3157YEPR Datasheet HTML 5Page - Texas Instruments TS5A3157YEPR Datasheet HTML 6Page - Texas Instruments TS5A3157YEPR Datasheet HTML 7Page - Texas Instruments TS5A3157YEPR Datasheet HTML 8Page - Texas Instruments TS5A3157YEPR Datasheet HTML 9Page - Texas Instruments TS5A3157YEPR Datasheet HTML 10Page - Texas Instruments TS5A3157YEPR Datasheet HTML 11Page - Texas Instruments TS5A3157YEPR Datasheet HTML 12Page - Texas Instruments TS5A3157YEPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
www.ti.com
Electrical Characteristics for 1.8-V Supply
(1)
TS5A3157
10-
Ω SPDT ANALOG SWITCH
SCDS199 – JUNE 2005
V
+ = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
VCOM,
0
V+
V
range
VNO, VNC
25
°C
140
160
ON-state
0
≤ (V
NO or VNC) ≤ V+,
Switch ON,
ron
1.65 V
resistance
ICOM = –4 mA,
See Figure 13
Full
160
ON-state
25
°C
0.5
0.6
VNO or VNC = 1.6 V,
Switch ON,
resistance match
∆r
on
1.65 V
ICOM = –4 mA,
See Figure 13
Full
0.7.5
between channels
ON-state
25
°C
125
130
0
≤ (V
NO or VNC) ≤ V+,
Switch ON,
resistance
ron(flat)
1.65 V
ICOM = –4 mA,
See Figure 13
Full
140
flatness
VNO or VNC = 0.3 V,
25
°C
–0.1
0.05
0.1
NO, NC
VCOM = 1.65 V,
INO(OFF),
Switch OFF,
OFF-leakage
or
1.95 V
µA
INC(OFF)
See Figure 14
Full
–0.2
0.1
0.2
current
VNO or VNC = 1.65 V,
VCOM = 0.3 V,
VNO or VNC = 0.3 V,
25
°C
–0.1
0.05
0.1
NO, NC
VCOM = Open,
INO(ON),
Switch ON,
ON leakage
or
1.95 V
µA
INC(ON)
See Figure 15
Full
–0.2
0.1
0.2
current
VNO or VNC = 1.65 V,
VCOM = Open,
VCOM = 0.3 V,
25
°C
–0.1
0.05
0.1
COM
VNO or VNC = Open,
Switch ON,
ON leakage
ICOM(ON)
or
1.95 V
µA
See Figure 15
Full
–0.2
0.1
0.2
current
VCOM = 1.65 V,
VNO or VNC = Open,
Digital Control Input (IN)
Input logic high
VIH
Full
V+ × 0.65
5.5
V
Input logic low
VIL
Full
0
V+ × 0.3.5
V
25
°C
–0.1
0.05
0.1
Input leakage
IIH, IIL
VI = 5.5 V or 0
1.95 V
µA
current
Full
–1
1
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
9


Similar Part No. - TS5A3157YEPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3157YZPR TI-TS5A3157YZPR Datasheet
781Kb / 26P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3157YZPR TI1-TS5A3157YZPR Datasheet
1Mb / 28P
[Old version datasheet]   10OHM SPDT ANALOG SWITCH
TS5A3157YZPR TI1-TS5A3157YZPR Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
More results

Similar Description - TS5A3157YEPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A5018 TI-TS3A5018 Datasheet
350Kb / 19P
[Old version datasheet]   10 OHM QUAD SPDT ANALOG SWITCH
TS5A63157 TI-TS5A63157 Datasheet
411Kb / 27P
[Old version datasheet]   12-OHM SPDT ANALOG SWITCH
TS5A2053 TI-TS5A2053 Datasheet
310Kb / 23P
[Old version datasheet]   SINGLE-CHANNEL 10-OHM SPDT ANALOG SWITCH WITH ENABLE
logo
Integrated Device Techn...
IDTAS4684 IDT-IDTAS4684_1 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
logo
Protek Devices
PA2535 PROTEC-PA2535_15 Datasheet
138Kb / 9P
   0.35 OHM DUAL SPDT ANALOG SWITCH
logo
Integrated Device Techn...
IDTAS4684A IDT-IDTAS4684A_1 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
IDTAS4684 IDT-IDTAS4684 Datasheet
298Kb / 14P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3204 GMT-G3204 Datasheet
105Kb / 1P
   Quad 10 SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com