Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A3157 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A3157
Description  10-ohm SPDT ANALOG SWITCH
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A3157 Datasheet(HTML) 1 Page - Texas Instruments

  TS5A3157 Datasheet HTML 1Page - Texas Instruments TS5A3157 Datasheet HTML 2Page - Texas Instruments TS5A3157 Datasheet HTML 3Page - Texas Instruments TS5A3157 Datasheet HTML 4Page - Texas Instruments TS5A3157 Datasheet HTML 5Page - Texas Instruments TS5A3157 Datasheet HTML 6Page - Texas Instruments TS5A3157 Datasheet HTML 7Page - Texas Instruments TS5A3157 Datasheet HTML 8Page - Texas Instruments TS5A3157 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
www.ti.com
FEATURES
APPLICATIONS
SOT-23 OR SC-70 PACKAGE
(TOP VIEW)
1
2
3
6
5
4
NO
GND
NC
COM
V+
IN
TS5A3157
DESCRIPTION/ORDERING INFORMATION
SUMMARY OF CHARACTERISTICS
TS5A3157
10-
Ω SPDT ANALOG SWITCH
SCDS199 – JUNE 2005
Sample-and-Hold Circuits
Low ON-State Resistance (10
Ω)
Battery-Powered Equipment
Control Inputs Are 5-V Tolerant
Audio and Video Signal Routing
Low Charge Injection
Communication Circuits
Excellent ON-State Resistance Matching
Low Total Harmonic Distortion (THD)
1.65-V to 5.5-V Single-Supply Operation
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Performance Tested Per JESD 22
– 2000-V Human-Body Model
(A114-B, Class II)
– 1000-V Charged-Device Model (C101)
The TS5A3157 is a single-pole double-throw (SPDT) analog switch that is designed to operate from 1.65 V to
5.5 V. This device can handle both digital and analog signals, and signals up to V+ can be transmitted in either
direction.
V
+ = 5 V and TA = 25°C
Single Pole
Configuration
Double Throw
(SPDT)
Number of channels
1
ON-state resistance (ron)
10
ON-state resistance match (
∆r
on)
0.15
ON-state resistance flatness (ron(flat))
4
Turn-on/turn-off time (tON/tOFF)
5.7 ns/3.8 ns
Break-before-make time (tBBM)
0.5 ns
Charge injection (QC)
7 pC
Bandwidth (BW)
300 MHz
OFF isolation (OISO)
–65 dB at 10 MHz
Crosstalk (XTALK)
–66 dB at 10 MHz
Total harmonic distortion (THD)
0.01%
Leakage current (INO(OFF)/INC(OFF))
±0.1 µA
Power-supply current (I+)
10
µA
6-pin SOT-23, SC-70,
Package options
DSBGA
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoStar, NanoFree are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TS5A3157

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3157 TI1-TS5A3157 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
TS5A3157DBVR TI1-TS5A3157DBVR Datasheet
1Mb / 28P
[Old version datasheet]   10OHM SPDT ANALOG SWITCH
TS5A3157DBVR TI1-TS5A3157DBVR Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
TS5A3157DBVRE4 TI1-TS5A3157DBVRE4 Datasheet
1Mb / 28P
[Old version datasheet]   10OHM SPDT ANALOG SWITCH
TS5A3157DBVRG4 TI1-TS5A3157DBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   10OHM SPDT ANALOG SWITCH
More results

Similar Description - TS5A3157

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A5018 TI-TS3A5018 Datasheet
350Kb / 19P
[Old version datasheet]   10 OHM QUAD SPDT ANALOG SWITCH
TS5A63157 TI-TS5A63157 Datasheet
411Kb / 27P
[Old version datasheet]   12-OHM SPDT ANALOG SWITCH
TS5A2053 TI-TS5A2053 Datasheet
310Kb / 23P
[Old version datasheet]   SINGLE-CHANNEL 10-OHM SPDT ANALOG SWITCH WITH ENABLE
logo
Integrated Device Techn...
IDTAS4684 IDT-IDTAS4684_1 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
logo
Protek Devices
PA2535 PROTEC-PA2535_15 Datasheet
138Kb / 9P
   0.35 OHM DUAL SPDT ANALOG SWITCH
logo
Integrated Device Techn...
IDTAS4684A IDT-IDTAS4684A_1 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
IDTAS4684 IDT-IDTAS4684 Datasheet
298Kb / 14P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3204 GMT-G3204 Datasheet
105Kb / 1P
   Quad 10 SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com