Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A82DL1632TG-70F Datasheet(PDF) 3 Page - AMIC Technology

Part # A82DL1632TG-70F
Description  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A82DL1632TG-70F Datasheet(HTML) 3 Page - AMIC Technology

  A82DL1632TG-70F Datasheet HTML 1Page - AMIC Technology A82DL1632TG-70F Datasheet HTML 2Page - AMIC Technology A82DL1632TG-70F Datasheet HTML 3Page - AMIC Technology A82DL1632TG-70F Datasheet HTML 4Page - AMIC Technology A82DL1632TG-70F Datasheet HTML 5Page - AMIC Technology A82DL1632TG-70F Datasheet HTML 6Page - AMIC Technology A82DL1632TG-70F Datasheet HTML 7Page - AMIC Technology A82DL1632TG-70F Datasheet HTML 8Page - AMIC Technology A82DL1632TG-70F Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
A82DL16x2T(U) Series
PRELIMINARY
(May, 2005, Version 0.1)
2
AMIC Technology, Corp.
GENERAL DESCRIPTION
The A82DL16x2T(U) family consists of 16 megabit, 3.0 volt-
only flash memory devices, organized as 1,048,576 words of
16 bits each or 2,097,152 bytes of 8 bits each. Word mode
data appears on I/O0–I/O15; byte mode data appears on I/O0
I/O7. The device is designed to be programmed in-system
with the standard 3.0 volt VCC supply, and can also be
programmed in standard EPROM programmers.
The device is available with an access time of 70ns. The
devices are offered in 69-ball Fine-pitch BGA. Standard
control pins—chip enable ( CE_F ), write enable ( WE ), and
output enable ( OE )—control normal read and write
operations, and avoid bus contention issues.
The device requires only a single 3.0 volt power supply for
both read and write functions. Internally generated and
regulated voltages are provided for the program and erase
operations.
Simultaneous Read/Write Operations with Zero
Latency
The
Simultaneous
Read/Write
architecture
provides
simultaneous operation by dividing the memory space into
two
banks.
The
device
can
improve
overall
system
performance by allowing a host system to program or erase
in one bank, then immediately and simultaneously read from
the other bank, with zero latency. This releases the system
from waiting for the completion of program or erase
operations.
The A82DL16x2T(U) devices uses multiple bank archi-
tectures to provide flexibility for different applications. Three
devices are available with these bank sizes:
Device
Bank 1
Bank 2
DL1622
2 Mb
14 Mb
DL1632
4 Mb
12 Mb
DL1642
8 Mb
8 Mb
A82DL16x2T(U) Features
The device offers complete compatibility with the JEDEC
single-power-supply
Flash
command
set
standard.
Commands are written to the command register using
standard microprocessor write timings. Reading data out of
the device is similar to reading from other Flash or EPROM
devices.
The host system can detect whether a program or erase
operation is complete by using the device status bits:
RY/
BY pin, I/O7 ( Data Polling) and I/O6/I/O2 (toggle bits).
After a program or erase cycle has been completed, the
device automatically returns to reading array data.
The sector erase architecture allows memory sectors to be
erased
and
reprogrammed
without
affecting
the
data
contents of other sectors. The device is fully erased when
shipped from the factory.
Hardware data protection measures include a low VCC
detector that automatically inhibits write operations during
power transitions. The hardware sector protection feature
disables
both
program
and
erase
operations
in
any
combination of the sectors of memory. This can be achieved
in-s y s t e m or via programming equipment.
The
device
offers
two
power-saving
features.
When
addresses have been stable for a specified amount of time,
the device enters the automatic sleep mode. The system
can also place the device into the standby mode. Power
consumption is greatly reduced in both modes.


Similar Part No. - A82DL1632TG-70F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A82DL1634 AMICC-A82DL1634 Datasheet
896Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S
A82DL1634TG-70 AMICC-A82DL1634TG-70 Datasheet
896Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S
A82DL1634TG-70F AMICC-A82DL1634TG-70F Datasheet
896Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S
A82DL1634TG-70I AMICC-A82DL1634TG-70I Datasheet
896Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S
A82DL1634TG-70IF AMICC-A82DL1634TG-70IF Datasheet
896Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S
More results

Similar Description - A82DL1632TG-70F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A82DL32X4T AMICC-A82DL32X4T Datasheet
931Kb / 60P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL32x4T(U) 32 Megabit (4Mx8 Bit/2Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
A82DL16X4T AMICC-A82DL16X4T Datasheet
896Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S
logo
SPANSION
S71PL129JC0 SPANSION-S71PL129JC0_06 Datasheet
3Mb / 153P
   Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
logo
Advanced Micro Devices
AM29DS163D AMD-AM29DS163D Datasheet
1Mb / 50P
   16 Megabit CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM49DL32XBG SPANSION-AM49DL32XBG Datasheet
1Mb / 64P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous
AM49DL320BG SPANSION-AM49DL320BG Datasheet
1Mb / 64P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous
logo
Eon Silicon Solution In...
EN71PL032A0 EON-EN71PL032A0_1 Datasheet
424Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 3.0 Volt-only Simultaneous Operation Page Mode Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
EN71NS032A0 EON-EN71NS032A0 Datasheet
286Kb / 10P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 1.8 Volt-only Burst Simultaneous Operation, Multiplexed Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
logo
SPANSION
MB84VD2118XEM-70 SPANSION-MB84VD2118XEM-70 Datasheet
872Kb / 52P
   Stacked MCP (Multi-Chip Package) FLASH MEMORY & SRAM CMOS
logo
Eon Silicon Solution In...
EN71NS128B0 EON-EN71NS128B0_11 Datasheet
259Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 128 Megabit (8M x 16-bit) CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 32 Megabit (2M x 16-bit) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com