Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89538LHGTR Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY89538LHGTR
Description  3.3V PRECISION LVPECL AND LVDS PROGRAMMABLE MULTIPLE OUTPUT BANK CLOCK SYNTHESIZER AND FANOUT BUFFER WITH ZERO DELAY
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89538LHGTR Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button SY89538LHGTR Datasheet HTML 4Page - Micrel Semiconductor SY89538LHGTR Datasheet HTML 5Page - Micrel Semiconductor SY89538LHGTR Datasheet HTML 6Page - Micrel Semiconductor SY89538LHGTR Datasheet HTML 7Page - Micrel Semiconductor SY89538LHGTR Datasheet HTML 8Page - Micrel Semiconductor SY89538LHGTR Datasheet HTML 9Page - Micrel Semiconductor SY89538LHGTR Datasheet HTML 10Page - Micrel Semiconductor SY89538LHGTR Datasheet HTML 11Page - Micrel Semiconductor SY89538LHGTR Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Micrel, Inc.
SY89538L
October 2005
M9999-101105-B
hbwhelp@micrel.com or (408) 955-1690
8
Absolute Maximum Ratings
(1)
Supply Voltage (VCCD, VCCA, VCCO)...... –0.5V to +4.0V
Input Voltage (RFCK, FBIN)................... –0.5V to VCC
XTAL Input Voltage (VXTAL1, 2) ......... VCC –1.9V to VCC
Output Current (IOUT)
LVPECL Outputs (Surge) .........................100mA
LVPECL Outputs (Continuous)...................50mA
LVDS Outputs...........................................±10mA
Lead Temperature (soldering, 20 sec.) .......... +260°C
Storage Temperature (Ts) ................. –65°C to 150°C
Operating Ratings
(2)
Supply Voltage
VCCOA and VCCOC ............................... +3.0V to +3.6V
VCCOB ............................................. +2.375V to +3.6V
Ambient Temperature (TA).......................–40°C to +85°C
Package Thermal Resistance (Junction-to-Ambient)
With Die attach soldered to GND:
TQFP (
θJA) Still-Air ......................................23°C/W
TQFP (
θJA) 200lfpm.....................................18°C/W
TQFP (
θJA) 500lfpm.....................................15°C/W
With Die attach NOT soldered to GND
(3):
TQFP (
θJA) Still-Air ......................................44°C/W
TQFP (
θJA) 200lfpm.....................................36°C/W
TQFP (
θJA) 500lfpm.....................................30°C/W
Package Thermal Resistance (Junction-to-Board)
TQFP (
θJC) ....................................................7°C/W
DC Electrical Characteristics
(4)
Power Supply
TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCCA
PLL Power Supply
Note 5
3.0
3.3
3.6
V
VCCD
Control Logic Supply Voltage
Note 5
3.0
3.3
3.6
V
Output Supply Voltage
2.375
2.5
2.625
V
VCCO
3.0
3.3
3.6
V
ICC
Power Supply Current
No load, max. VCC, Note 6
240
300
mA
ICCA
Analog Supply Current
Max. VCC
10
mA
ICCO
Output Supply Current
No load, max. VCC
55
mA
ICCD
Digital Supply Current
Max. VCC
175
mA
LVCMOS/LVTTL Input Control Logic
VCCA = VCCD = +3.3V ±10%, VCCO = +2.5V ±5% or +3.3V ±10%; TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIH
Input High Voltage
2.0
V
VIL
Input Low Voltage
0.8
V
IIH
Input High Current
VIN = VCC
–125
150
µA
IIL
Input Low Current
VIN = 0.5V
–300
µA
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratings
conditions for extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. It is recommended that the user always solder the exposed die pad to a ground plane for enhanced heat dissipation.
4. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
5. VCCA and VCCD are not internally connected. They must be connected together on the PCB.
6. ICC = ICCA + ICCO + ICCD.


Similar Part No. - SY89538LHGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89538LHGTR MICREL-SY89538LHGTR Datasheet
637Kb / 23P
   3.3V, Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer and Fanout Buffer with Zero Delay
More results

Similar Description - SY89538LHGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89538L MICREL-SY89538L_06 Datasheet
637Kb / 23P
   3.3V, Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer and Fanout Buffer with Zero Delay
SY89537L MICREL-SY89537L Datasheet
826Kb / 19P
   3.3V Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer and Fanout Buffer
SY89538L MICREL-SY89538L_08 Datasheet
636Kb / 23P
   3.3V, Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer
SY89534L MICREL-SY89534L_08 Datasheet
111Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L Datasheet
105Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89532L MICREL-SY89532L_08 Datasheet
189Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89532L MICREL-SY89532L Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
logo
Renesas Technology Corp
ICS680-01 RENESAS-ICS680-01 Datasheet
363Kb / 10P
   NETWORKING CLOCK SYNTHESIZER AND ZERO DELAY BUFFER
REV H 051310
logo
Integrated Circuit Syst...
ICS680-01 ICST-ICS680-01 Datasheet
154Kb / 8P
   Networking Clock Synthesizer and Zero Delay Buffer
logo
Micrel Semiconductor
SY89537L MICREL-SY89537L_10 Datasheet
748Kb / 19P
   3.3V Precision LVPECL and LVDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com