Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A27020A Datasheet(PDF) 13 Page - AMIC Technology

Part # A27020A
Description  256K X 8 OTP CMOS EPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A27020A Datasheet(HTML) 13 Page - AMIC Technology

Back Button A27020A Datasheet HTML 6Page - AMIC Technology A27020A Datasheet HTML 7Page - AMIC Technology A27020A Datasheet HTML 8Page - AMIC Technology A27020A Datasheet HTML 9Page - AMIC Technology A27020A Datasheet HTML 10Page - AMIC Technology A27020A Datasheet HTML 11Page - AMIC Technology A27020A Datasheet HTML 12Page - AMIC Technology A27020A Datasheet HTML 13Page - AMIC Technology A27020A Datasheet HTML 14Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
A27020A Series
PRELIMINARY
(June, 2005, Version 0.1)
12
AMIC Technology, Corp.
Package Information
P-DIP 32L Outline Dimensions
unit: inches/mm
1
32
E1
EA
D
θ
B1
B
Base Plane
Seating Plane
16
17
e
Dimensions in inches
Dimensions in mm
Symbol
Min
Nom
Max
Min
Nom
Max
A
-
-
0.210
-
-
5.334
A1
0.015
-
-
0.381
-
-
A2
0.149
0.154
0.159
3.785
3.912
4.039
B
-
0.018
-
-
0.457
-
B1
-
0.050
-
-
1.270
-
C
-
0.010
-
-
0.254
-
D
1.645
1.650
1.655
41.783
41.91
42.037
E
0.537
0.542
0.547
13.64
13.767
13.894
E1
0.590
0.600
0.610
14.986
15.240
15.494
EA
0.630
0.650
0.670
16.002
16.510
17.018
e
-
0.100
-
-
2.540
-
L
0.120
0.130
0.140
3.048
3.302
3.556
θ
0
°
-
15
°
0
°
-
15
°
Notes:
1. The maximum value of dimension D includes end flash.
2. Dimension E does not include resin fins.


Similar Part No. - A27020A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A27020 AMICC-A27020 Datasheet
170Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020-55 AMICC-A27020-55 Datasheet
170Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020-70 AMICC-A27020-70 Datasheet
170Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020L-55 AMICC-A27020L-55 Datasheet
170Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020L-70 AMICC-A27020L-70 Datasheet
170Kb / 14P
   256K X 8 OTP CMOS EPROM
More results

Similar Description - A27020A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020 AMICC-A27020 Datasheet
170Kb / 14P
   256K X 8 OTP CMOS EPROM
A278308 AMICC-A278308 Datasheet
252Kb / 14P
   256K X 8 OTP CMOS EPROM
A278308A AMICC-A278308A Datasheet
173Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
   256K 32K x 8 Low Voltage OTP CMOS EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
logo
Maxwell Technologies
27C256T MAXWELL-27C256T Datasheet
126Kb / 14P
   256K (32K x 8-Bit) OTP EPROM
logo
ATMEL Corporation
AT27C020 ATMEL-AT27C020 Datasheet
170Kb / 9P
   2-Megabit 256K x 8 OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com