Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6521E Datasheet(PDF) 7 Page - Texas Instruments

Part # PT6521E
Description  8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6521E Datasheet(HTML) 7 Page - Texas Instruments

Back Button PT6521E Datasheet HTML 3Page - Texas Instruments PT6521E Datasheet HTML 4Page - Texas Instruments PT6521E Datasheet HTML 5Page - Texas Instruments PT6521E Datasheet HTML 6Page - Texas Instruments PT6521E Datasheet HTML 7Page - Texas Instruments PT6521E Datasheet HTML 8Page - Texas Instruments PT6521E Datasheet HTML 9Page - Texas Instruments PT6521E Datasheet HTML 10Page - Texas Instruments PT6521E Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
Table 1: Input/Output Capacitors
N/R –Not recommended. The ripple current rating and ESR does not meet the requirements.
Capacitor Recommendations for
the PT6520 Series of
Integrated Switching Regulators
Input Capacitors:
The recommended input capacitance is determined by
1.0 ampere minimum ripple current rating and 330µF
minimum capacitance (300µF for Oscon® or low ESR
tantalum). Ripple current and <100m
Ω equivalent series
resistance (ESR) values are the major considerations,
along with temperature, when designing with different
types of capacitors. Tantalum capacitors have a recom-
mended minimum voltage rating of 2
× the maximum
DC voltage + AC ripple. This is necessary to insure
reliability for input voltage bus applications
Output Capacitors:
The ESR of the required capacitor (Cout) must not be
greater than 150m
Ω. Electrolytic capacitors have poor
ripple performance at frequencies greater than 400kHz
but excellent low frequency transient response. Above
the ripple frequency, ceramic capacitors are necessary to
improve the transient response and reduce any high
frequency noise components apparent during higher
current excursions. Preferred low ESR type capacitor
part numbers are identified in Table 1.
PT6520 Series
Tantalum Capacitors
Tantalum type capacitors may be used for the output but
only the AVX TPS series, Sprague 593D/594/595 series
or Kemet T495/T510 series. These capacitors are rec-
ommended over many other tantalum types due to their
higher rated surge, power dissipation, and ripple current
capability. As a caution the TAJ series by AVX is not
recommended. This series has considerably higher ESR,
reduced power dissipation, and lower ripple current
capability. The TAJ series is less reliable than the AVX
TPS series when determining power dissipation capability.
Tantalum or Oscon® types are recommended for appli-
cations where ambient temperatures fall below 0°C.
Capacitor Table
Table 1 identifies the characteristics of capacitors from a
number of vendors with acceptable ESR and ripple cur-
rent (rms) ratings. The number of capacitors required at
both the input and output buses is identified for each
capacitor type.
This is not an extensive capacitor list. Capacitors from other
vendors are available with comparable specifications. Those listed
are for guidance. The RMS ripple current rating and ESR
(Equivalent Series Resistance at 100kHz) are critical parameters
necessary to insure both optimum regulator performance and
long capacitor life.
r
o
t
i
c
a
p
a
C
/
r
o
d
n
e
V
t
n
e
n
o
p
m
o
C
s
e
i
r
e
S
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
o
t
i
c
a
p
a
Cy
t
i
t
n
a
u
Q
g
n
i
k
r
o
W
e
g
a
t
l
o
V)
F
µ
(
e
u
l
a
V
t
n
e
l
a
v
i
u
q
E
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
e
l
p
p
i
R
m
u
m
i
x
a
M
C
°
5
8
)
s
m
r
I
(
t
n
e
r
r
u
C
l
a
c
i
s
y
h
P
)
m
m
(
e
z
i
S
t
u
p
n
I
s
u
B
t
u
p
t
u
O
s
u
B
r
e
b
m
u
N
r
o
d
n
e
V
c
i
n
o
s
a
n
a
P
C
F
V
5
2
V
5
3
V
5
3
F
µ
0
6
5
F
µ
0
9
3
F
µ
0
3
3
5
6
0
0
.
0
5
6
0
.
0
7
1
1
.
0
A
m
5
0
2
1
A
m
5
0
2
1
A
m
5
5
5
5
1
x
5
.
2
1
5
1
x
5
.
2
1
5
.
1
1
x
8
1
2
R
/
N
1
1
1
S
1
6
5
E
1
C
F
U
E
E
S
1
9
3
V
1
C
F
U
E
E
1
3
3
C
1
C
F
U
E
E
d
e
t
i
n
U
n
o
C
-
i
m
e
h
C
/
S
F
/
V
X
L
Z
X
L
V
6
1
V
5
3
V
0
1
V
0
2
F
µ
0
3
3
F
µ
0
7
4
F
µ
0
3
3
F
µ
0
5
1
0
2
1
.
0
2
5
0
.
0
5
2
0
.
0
0
3
0
.
0
÷2 Ω
A
m
5
5
5
A
m
0
2
2
1
A
m
0
0
5
3
A
m
0
0
2
3
2
1
x
8
0
2
x
0
1
5
.
0
1
x
0
1
5
.
0
1
x
0
1
R
/
N
1
1
2
1
1
1
2
L
L
2
1
X
8
M
1
3
3
B
V
6
1
Z
X
L
L
L
0
2
X
0
1
M
1
7
4
B
V
5
3
Z
X
L
M
0
3
3
S
F
0
1
M
0
5
1
S
F
0
2
n
o
c
i
h
c
i
N
M
P
/
L
P
V
5
3
V
5
3
V
0
5
0
6
5F
µ
0
3
3F
µ
0
7
4F
µ
8
4
0
.
0
5
6
0
.
0
÷2 Ω
6
4
0
.
0
A
m
0
6
3
1
A
m
0
2
0
1
A
m
0
7
4
1
5
1
x
6
1
5
1
x
5
.
2
1
5
1
x
8
1
1
1
1
1
1
1
6
H
H
M
1
6
5
V
1
L
P
U
6
H
H
M
1
3
3
V
1
L
P
U
6
H
H
M
1
1
7
4
H
1
M
P
U
c
i
n
o
s
a
n
a
P
C
F
)
g
t
M
e
c
a
f
r
u
S
(
V
0
1
V
5
3
V
6
1
0
0
0
1F
µ
0
3
3F
µ
0
3
3F
µ
3
4
0
.
0
5
6
0
.
0
0
5
1
.
0
A
m
5
0
2
1
A
m
5
0
2
1
A
m
0
7
6
5
.
6
1
x
2
1
6
1
x
5
.
2
1
2
.
0
1
x
0
1
1
1
R
/
N
1
1
1
Q
L
2
0
1
A
1
C
F
V
E
E
Q
L
1
3
3
V
1
C
F
V
E
E
P
1
3
3
C
1
C
F
V
E
E
S
S
-
n
o
c
s
O
V
S
V
0
1
V
0
1
V
0
2
0
3
3F
µ
F
µ
0
3
3
0
5
1F
µ
5
2
0
.
0
5
2
0
.
0
4
2
0
.
0
÷2 Ω
A
m
0
0
5
3
>
A
m
0
0
8
3
>
A
m
0
0
6
3
5
.
0
1
x
0
.
0
1
3
.
0
1
x
3
.
0
1
3
.
0
1
x
3
.
0
1
1
1
2
1
1
2
M
0
3
3
S
S
0
1
M
0
0
3
V
S
0
1
M
0
5
1
V
S
0
2
t
n
u
o
M
e
c
a
f
r
u
S
=
V
S
X
V
A
m
u
l
a
t
n
a
T
S
P
T
V
0
1
V
0
1
V
0
1
F
µ
0
3
3
F
µ
0
3
3
F
µ
0
2
2
0
0
1
.
0
÷2 Ω
0
0
1
.
0
÷2 Ω
5
9
0
.
0
A
m
0
0
5
2
>
A
m
0
0
0
3
>
A
m
0
0
0
2
>
x
L
3
.
7
x
W
3
.
4
H
1
.
4
2
2
2
1
1
2
0
0
1
0
R
0
1
0
M
7
3
3
V
S
P
T
0
6
0
0
R
0
1
0
M
7
3
3
V
S
P
T
0
0
1
0
R
5
0
1
0
M
7
2
2
V
S
P
T
t
e
m
e
K
/
0
1
5
T
5
9
4
T
V
0
1
V
0
1
F
µ
0
3
3
F
µ
0
2
2
3
3
0
.
0
7
0
.
0
÷
5
3
0
.
0
=
2
A
m
0
0
4
1
A
m
0
0
0
2
>
W
7
.
5
x
L
3
.
7
H
0
.
4
x
2
2
1
2
S
A
0
1
0
M
7
3
3
X
0
1
5
T
S
A
0
1
0
M
7
2
2
X
5
9
4
T
e
u
g
a
r
p
S
D
4
9
5
V
0
1
V
0
1
F
µ
0
3
3
F
µ
0
2
2
5
4
0
.
0
5
6
0
.
0
A
m
0
5
3
2
A
m
0
0
0
2
>
x
L
3
.
7
x
W
0
.
6
H
1
.
4
2
2
1
2
T
2
R
0
1
0
0
X
7
3
3
D
4
T
2
D
0
1
0
0
X
7
2
2
D
4
9
5


Similar Part No. - PT6521E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6521 TI-PT6521 Datasheet
193Kb / 8P
[Old version datasheet]   8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
More results

Similar Description - PT6521E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6510 TI-PT6510 Datasheet
432Kb / 19P
[Old version datasheet]   8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PT652X TI-PT652X Datasheet
193Kb / 8P
[Old version datasheet]   8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PT6500 TI-PT6500 Datasheet
291Kb / 7P
[Old version datasheet]   8 AMP ADJUSTABLE ISR WITH SHORT-CIRCUIT PROTECTION
PTH04070W TI-PTH04070W_07 Datasheet
436Kb / 16P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W_15 Datasheet
380Kb / 17P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W Datasheet
402Kb / 15P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PT5406 TI-PT5406 Datasheet
315Kb / 16P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT Power Module
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com