Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTH20002TV Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH20002TV
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH20002TV Datasheet(HTML) 4 Page - STMicroelectronics

  STTH20002TV Datasheet HTML 1Page - STMicroelectronics STTH20002TV Datasheet HTML 2Page - STMicroelectronics STTH20002TV Datasheet HTML 3Page - STMicroelectronics STTH20002TV Datasheet HTML 4Page - STMicroelectronics STTH20002TV Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
STTH20002TV
4/5
®
Fig. 6: Reserve recovery time versus dIF/dt
(typical values, per diode).
Fig. 7: Peak reverse recovery current versus dIF/dt
(typical values, per diode).
Fig. 8: Dynamic parameters versus junction
temperature.
0
20
40
60
80
100
120
10
100
1000
t (ns)
rr
dI /dt(A/µs)
F
T =25°C
j
T =125°C
j
I =100A
F
V =160V
R
0
5
10
15
20
25
10
100
1000
I
(A)
RM
dI /dt(A/µs)
F
T =25°C
j
T =125°C
j
I =100A
F
V =160V
R
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25
50
75
100
125
150
Q; I
] /
RR
RM
j
RR
RM
j
[T
Q
; I
[T =125°C]
T (°C)
j
IRM
QRR
I =100A
F
V =160V
R


Similar Part No. - STTH20002TV

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STTH20003 ISC-STTH20003 Datasheet
553Kb / 3P
   Ultrafast Recovery Diode
logo
STMicroelectronics
STTH20003TV STMICROELECTRONICS-STTH20003TV Datasheet
132Kb / 7P
   HIGH FREQUENCY SECONDARY RECTIFIER
logo
Inchange Semiconductor ...
STTH20003TV ISC-STTH20003TV Datasheet
553Kb / 3P
   Ultrafast Recovery Diode
logo
STMicroelectronics
STTH20004TV1 STMICROELECTRONICS-STTH20004TV1 Datasheet
145Kb / 6P
   Ultrafast high voltage rectifier
More results

Similar Description - STTH20002TV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
October 2002 - Ed: 3B
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
   Turbo 2 ultrafast - high voltage rectifier
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
   Turbo 2 ultrafast high voltage rectifier
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
   Turbo 2 ultrafast high voltage rectifier
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
   Turbo 2 ultrafast high voltage rectifier
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
   Turbo 2 ultrafast high voltage rectifier
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
   Turbo 2 ultrafast high voltage rectifier
STTH50W06S STMICROELECTRONICS-STTH50W06S Datasheet
87Kb / 8P
   Turbo 2 ultrafast high voltage rectifier
STTH6006W STMICROELECTRONICS-STTH6006W Datasheet
99Kb / 7P
   Turbo 2 ultrafast - high voltage rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com