Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A81L801UG-70F Datasheet(PDF) 5 Page - AMIC Technology

Part # A81L801UG-70F
Description  Stacked Multi-chip Package (MCP) 1 M X 8 Bit / 512K X 16 Bit Boot Sector Flash Memory and 128K x 8 Low Voltage CMOS SRAM
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A81L801UG-70F Datasheet(HTML) 5 Page - AMIC Technology

  A81L801UG-70F Datasheet HTML 1Page - AMIC Technology A81L801UG-70F Datasheet HTML 2Page - AMIC Technology A81L801UG-70F Datasheet HTML 3Page - AMIC Technology A81L801UG-70F Datasheet HTML 4Page - AMIC Technology A81L801UG-70F Datasheet HTML 5Page - AMIC Technology A81L801UG-70F Datasheet HTML 6Page - AMIC Technology A81L801UG-70F Datasheet HTML 7Page - AMIC Technology A81L801UG-70F Datasheet HTML 8Page - AMIC Technology A81L801UG-70F Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
A81L801
PRELIMINARY
(March, 2005, Version 0.0)
4
AMIC Technology, Corp.
Product Information Guide
Part Number
A81L801
Speed Options
Standard Voltage Range:
VCC_F/VCC_S=2.7-3.6V
70
Max Access Time (ns)
70
CE_F / CE_S Access (ns)
70
OE Access (ns)
40
MCP Block Diagram
8M Bit
Flash Memory
1M Bit
Static RAM
VCC_S
VSS
VCC_F
VSS
A18 to A0
RY/BY
I/O15 (A-1) to I/O0
I/O15 (A-1) to I/O0
I/O15 (A-1) to I/O0
A16 to A0
A18 to A0
BYTE_F
RESET
CE_F
WE
OE
CE_S


Similar Part No. - A81L801UG-70F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A81 MACOM-A81 Datasheet
106Kb / 1P
   20 TO 250 MHz CASCADABLE AMPLIFIER
A81 MACOM-A81 Datasheet
381Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
M/A-COM Technology Solu...
A81 MA-COM-A81 Datasheet
1Mb / 2P
   Cascadable Amplifier 20 to 250 MHz
A81 MA-COM-A81 Datasheet
644Kb / 3P
   Cascadable Amplifier
logo
Tyco Electronics
A81-1 MACOM-A81-1 Datasheet
104Kb / 1P
   20 TO 250 MHz CASCADABLE AMPLIFIER
More results

Similar Description - A81L801UG-70F

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM49LV6408M SPANSION-AM49LV6408M Datasheet
1Mb / 63P
   Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit)
AM42DL640AG SPANSION-AM42DL640AG Datasheet
916Kb / 62P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only
logo
AMIC Technology
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400A AMICC-A29L400A Datasheet
539Kb / 38P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29400B AMICC-A29400B Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29800B AMICC-A29800B Datasheet
488Kb / 40P
   1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
AMIC Technology
A29800 AMICC-A29800 Datasheet
514Kb / 34P
   1024K X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
AMIC Technology
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com