Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A82DL1622 Datasheet(PDF) 1 Page - AMIC Technology

Part # A82DL1622
Description  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A82DL1622 Datasheet(HTML) 1 Page - AMIC Technology

  A82DL1622 Datasheet HTML 1Page - AMIC Technology A82DL1622 Datasheet HTML 2Page - AMIC Technology A82DL1622 Datasheet HTML 3Page - AMIC Technology A82DL1622 Datasheet HTML 4Page - AMIC Technology A82DL1622 Datasheet HTML 5Page - AMIC Technology A82DL1622 Datasheet HTML 6Page - AMIC Technology A82DL1622 Datasheet HTML 7Page - AMIC Technology A82DL1622 Datasheet HTML 8Page - AMIC Technology A82DL1622 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
A82DL16x2T(U) Series
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM,
A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only,
Simultaneous Operation Flash Memory and 2M (128Kx16 Bit) Static RAM
Preliminary
PRELIMINARY (May, 2005, Version 0.1)
AMIC Technology, Corp.
Document Title
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit
(2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash Memory and 2M
(128Kx16 Bit) Static RAM
Revision History
Rev. No.
History
Issue Date
Remark
0.0
Initial issue
March 25, 2005
Preliminary
0.1
Update Figure 23
May 17, 2005


Similar Part No. - A82DL1622

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A82DL1624 AMICC-A82DL1624 Datasheet
896Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S
A82DL1624TG-70 AMICC-A82DL1624TG-70 Datasheet
896Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S
A82DL1624TG-70F AMICC-A82DL1624TG-70F Datasheet
896Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S
A82DL1624TG-70I AMICC-A82DL1624TG-70I Datasheet
896Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S
A82DL1624TG-70IF AMICC-A82DL1624TG-70IF Datasheet
896Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S
More results

Similar Description - A82DL1622

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A82DL32X4T AMICC-A82DL32X4T Datasheet
931Kb / 60P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL32x4T(U) 32 Megabit (4Mx8 Bit/2Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
A82DL16X4T AMICC-A82DL16X4T Datasheet
896Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S
logo
SPANSION
S71PL129JC0 SPANSION-S71PL129JC0_06 Datasheet
3Mb / 153P
   Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
logo
Advanced Micro Devices
AM29DS163D AMD-AM29DS163D Datasheet
1Mb / 50P
   16 Megabit CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM49DL32XBG SPANSION-AM49DL32XBG Datasheet
1Mb / 64P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous
AM49DL320BG SPANSION-AM49DL320BG Datasheet
1Mb / 64P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous
logo
Eon Silicon Solution In...
EN71PL032A0 EON-EN71PL032A0_1 Datasheet
424Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 3.0 Volt-only Simultaneous Operation Page Mode Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
EN71NS032A0 EON-EN71NS032A0 Datasheet
286Kb / 10P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 1.8 Volt-only Burst Simultaneous Operation, Multiplexed Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
logo
SPANSION
MB84VD2118XEM-70 SPANSION-MB84VD2118XEM-70 Datasheet
872Kb / 52P
   Stacked MCP (Multi-Chip Package) FLASH MEMORY & SRAM CMOS
logo
Eon Silicon Solution In...
EN71NS128B0 EON-EN71NS128B0_11 Datasheet
259Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 128 Megabit (8M x 16-bit) CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 32 Megabit (2M x 16-bit) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com