Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6D0114 Datasheet(PDF) 13 Page - Samsung semiconductor

Part # S6D0114
Description  132 RGB X 176 DOT 1-CHIP DRIVER IC WITH INTERNAL GRAM FOR 262,144 Colors TFT-LCD
Download  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S6D0114 Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button S6D0114 Datasheet HTML 9Page - Samsung semiconductor S6D0114 Datasheet HTML 10Page - Samsung semiconductor S6D0114 Datasheet HTML 11Page - Samsung semiconductor S6D0114 Datasheet HTML 12Page - Samsung semiconductor S6D0114 Datasheet HTML 13Page - Samsung semiconductor S6D0114 Datasheet HTML 14Page - Samsung semiconductor S6D0114 Datasheet HTML 15Page - Samsung semiconductor S6D0114 Datasheet HTML 16Page - Samsung semiconductor S6D0114 Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 143 page
background image
S6D0114
132-RGB X 176-DOT 1-CHIP DRIVER IC FOR 262,144-COLOR TFT-LCD DISPLAY
Preliminary
13
Table 4. Power supply pin description (continued)
Symbol
I/O
Description
VBS
I
Reference voltage for step-up circuit3.
REGN,
REGP
I/O
Input pins for reference voltages of VREG1OUT, and VREG2OUT when the internal
reference-voltage generation circuit is not used. Leave these pins open when the internal
reference-voltage generation circuit is used.
VREG1OUT
O
This pin outputs a reference voltage for VREG1 between AVDD and VSS. When the
internal reference voltage is not used, the reference voltage can be generated from the
voltage of REGP. Connect this pin to VREG1 and a capacitor for stabilization. When this
pin is not used, leave it open.
VREG2OUT
O
This pin outputs a reference voltage for VREG2 between VSS and VGL When the internal
reference voltage is not used, the reference voltage can be generated from the voltage of
REGN. Connect this pin to VREG2 and a capacitor for stabilizatio0n. When this pin is not
used, leave it open.
VcomOUT
O
A power supply for the TFT-display counter electrode.
The alternating cycle can be set by the M pin. Connect this pin to the TFT-display counter
electrode.
This pin is also used as equalizing function: When EQ = “High” period, all source driver’s
outputs (S1 to S396) are short to Vcom level (Hi-z). In case of VcomL < 0V, equalizing
function must not be used. (Set EQ bit (R07h) to be “00” for preventing the abnormal
function.)
VcomR
I
A reference voltage of VcomH.
When VcomH is externally adjusted, halt the internal adjuster of VcomH by setting the
register and insert a variable resistor between GVDD and VSS. When this pin is not
externally adjusted, leave it open and adjust VcomH by setting the internal register.
VcomH
O
This pin indicates a high level of Vcom generated in driving the Vcom alternation.
Connect this pin to the capacitor for stabilization.
VcomL
O
When the Vcom alternation is driven, this pin indicates a low level of Vcom. An internal
register can be used to adjust the voltage. Connect this pin to a capacitor for stabilization.
When the VCOMG bit is low, the VcomL output stops and a capacitor for stabilization is not
needed.
VGH
O/
Power
A positive power output pin for gate driver, internal step-up circuits, bias circuits, and
operational amplifiers. Connect a capacitor for stabilization.
Interconnect this pin to VCI3 pin.
VGL
O/
Power
A Negative power output pin for gate driver, bias circuits, and operational amplifiers.
Connect a capacitor for stabilization. When internal VGL generator is not used, connect an
external-voltage power supply higher than -15.0 V.


Similar Part No. - S6D0114

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6D0110 SAMSUNG-S6D0110 Datasheet
595Kb / 108P
   132 RGB Source & 176 Gate Driver With Internal GRAM FOR 65,536 Colors TFT-LCD
More results

Similar Description - S6D0114

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6D0110 SAMSUNG-S6D0110 Datasheet
595Kb / 108P
   132 RGB Source & 176 Gate Driver With Internal GRAM FOR 65,536 Colors TFT-LCD
logo
Renesas Technology Corp
S17594EJ2V0DS00 RENESAS-S17594EJ2V0DS00_15 Datasheet
956Kb / 79P
   176-RGB x 220-DOT 1-CHIP DRIVER IC FOR 262,144-COLOR TFT-LCD DISPLAY
HD66773R RENESAS-HD66773R Datasheet
1Mb / 133P
   262,144-color, 132 x 176-dot Graphics Controller Driver for TFT LCD panels
logo
Hitachi Semiconductor
HD66766R HITACHI-HD66766R Datasheet
665Kb / 97P
   132 x 176-dot Graphics LCD Controller/Driver for 65K Colors
logo
Novatek Microelectronic...
NT35510 NOVATEK-NT35510 Datasheet
5Mb / 211P
   One-chip Driver IC with internal GRAM for 16.7M colors 480RGB x 864 a-Si TFT LCD with CPU / RGB / MIPI / MDDI Interface
Version 0.00
logo
List of Unclassifed Man...
ILI9488 ETC1-ILI9488 Datasheet
10Mb / 343P
   a-Si TFT LCD Single Chip Driver 320(RGB) x 480 Resolution, 16.7M-color With Internal GRAM
ILI9881C ETC-ILI9881C Datasheet
7Mb / 320P
   Amorphous TFT LCD Single-Chip Driver 800(RGB) x 1280 Resolution, 16.7M-color Without Internal GRAM
V092
logo
NXP Semiconductors
PCF8881 PHILIPS-PCF8881 Datasheet
73Kb / 11P
   132 x 132 RGB single chip TFT driver with DC-to-DC converter
2004 Aug 10
logo
Samsung semiconductor
S6E63D6 SAMSUNG-S6E63D6 Datasheet
3Mb / 155P
   240 RGB X 320 Dot 1-Chip Driver IC with LTPS Interface for 262,144 Color AMOLED Display Panel
logo
List of Unclassifed Man...
ILI9806E ETC-ILI9806E Datasheet
7Mb / 328P
   a-Si TFT LCD Single-Chip Driver 480(RGB)x864 Resolution, 16.7M-color Without internal GRAM
V097-20140324
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com