Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6D0114 Datasheet(PDF) 98 Page - Samsung semiconductor

Part # S6D0114
Description  132 RGB X 176 DOT 1-CHIP DRIVER IC WITH INTERNAL GRAM FOR 262,144 Colors TFT-LCD
Download  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S6D0114 Datasheet(HTML) 98 Page - Samsung semiconductor

Back Button S6D0114 Datasheet HTML 94Page - Samsung semiconductor S6D0114 Datasheet HTML 95Page - Samsung semiconductor S6D0114 Datasheet HTML 96Page - Samsung semiconductor S6D0114 Datasheet HTML 97Page - Samsung semiconductor S6D0114 Datasheet HTML 98Page - Samsung semiconductor S6D0114 Datasheet HTML 99Page - Samsung semiconductor S6D0114 Datasheet HTML 100Page - Samsung semiconductor S6D0114 Datasheet HTML 101Page - Samsung semiconductor S6D0114 Datasheet HTML 102Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 143 page
background image
132-RGB X 176-DOT 1-CHIP DRIVER IC FOR 262,144-COLOR TFT-LCD DISPLAY
S6D0114
Preliminary
98
An example of high-speed RAM write with a window address-range specified is shown below.
The window address-range can be accessed consecutively and quickly by inserting two dummy writes at the start of
a row and three dummy writes at the end of a row, as determined by using the window address-range specification
bits (HSA1 to 0=10, HEA1 to 0=00).
Writing in the horizontal direction
AM=0, ID0=1
Window address-range setting
HSA=h12, HEA=h30
VSA=h08, VEA=hA0
High-speed RAM write mode
setting HWM=1
Address set
AD=h0810*
Dummy RAM write X 2
RAM write X 31
Dummy RAM write X 3
X 153
h0000
hAF83
Window address
range specification
(rewritable area)
h0812
hA030
Window address-range setting
HSA=h12, HEA=h30
VSA=h08, VEA=hA0
NOTE: The address set for the high-speed RAM write must be 00 or 11 according to the value of the ID0 bit.
Only pre-specified window address-range will be overwritten.
GRAM address map
Figure 68. Example of High-speed RAM Write with a window address-range specification


Similar Part No. - S6D0114

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6D0110 SAMSUNG-S6D0110 Datasheet
595Kb / 108P
   132 RGB Source & 176 Gate Driver With Internal GRAM FOR 65,536 Colors TFT-LCD
More results

Similar Description - S6D0114

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6D0110 SAMSUNG-S6D0110 Datasheet
595Kb / 108P
   132 RGB Source & 176 Gate Driver With Internal GRAM FOR 65,536 Colors TFT-LCD
logo
Renesas Technology Corp
S17594EJ2V0DS00 RENESAS-S17594EJ2V0DS00_15 Datasheet
956Kb / 79P
   176-RGB x 220-DOT 1-CHIP DRIVER IC FOR 262,144-COLOR TFT-LCD DISPLAY
HD66773R RENESAS-HD66773R Datasheet
1Mb / 133P
   262,144-color, 132 x 176-dot Graphics Controller Driver for TFT LCD panels
logo
Hitachi Semiconductor
HD66766R HITACHI-HD66766R Datasheet
665Kb / 97P
   132 x 176-dot Graphics LCD Controller/Driver for 65K Colors
logo
Novatek Microelectronic...
NT35510 NOVATEK-NT35510 Datasheet
5Mb / 211P
   One-chip Driver IC with internal GRAM for 16.7M colors 480RGB x 864 a-Si TFT LCD with CPU / RGB / MIPI / MDDI Interface
Version 0.00
logo
List of Unclassifed Man...
ILI9488 ETC1-ILI9488 Datasheet
10Mb / 343P
   a-Si TFT LCD Single Chip Driver 320(RGB) x 480 Resolution, 16.7M-color With Internal GRAM
ILI9881C ETC-ILI9881C Datasheet
7Mb / 320P
   Amorphous TFT LCD Single-Chip Driver 800(RGB) x 1280 Resolution, 16.7M-color Without Internal GRAM
V092
logo
NXP Semiconductors
PCF8881 PHILIPS-PCF8881 Datasheet
73Kb / 11P
   132 x 132 RGB single chip TFT driver with DC-to-DC converter
2004 Aug 10
logo
Samsung semiconductor
S6E63D6 SAMSUNG-S6E63D6 Datasheet
3Mb / 155P
   240 RGB X 320 Dot 1-Chip Driver IC with LTPS Interface for 262,144 Color AMOLED Display Panel
logo
List of Unclassifed Man...
ILI9806E ETC-ILI9806E Datasheet
7Mb / 328P
   a-Si TFT LCD Single-Chip Driver 480(RGB)x864 Resolution, 16.7M-color Without internal GRAM
V097-20140324
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com