Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD025A101GAX2A Datasheet(PDF) 11 Page - AVX Corporation

Part # LD025A101GAX2A
Description  MLCC Tin/Lead Termination "B" (LD Series)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LD025A101GAX2A Datasheet(HTML) 11 Page - AVX Corporation

Back Button LD025A101GAX2A Datasheet HTML 6Page - AVX Corporation LD025A101GAX2A Datasheet HTML 7Page - AVX Corporation LD025A101GAX2A Datasheet HTML 8Page - AVX Corporation LD025A101GAX2A Datasheet HTML 9Page - AVX Corporation LD025A101GAX2A Datasheet HTML 10Page - AVX Corporation LD025A101GAX2A Datasheet HTML 11Page - AVX Corporation LD025A101GAX2A Datasheet HTML 12Page - AVX Corporation LD025A101GAX2A Datasheet HTML 13Page - AVX Corporation LD025A101GAX2A Datasheet HTML 14Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
49
MLCC Tin/Lead Termination “B”
X7R – Capacitance Range
SIZE
LD10
LD12
LD13
LD20
LD14
Soldering
Reflow Only
Reflow Only
Reflow Only
Reflow Only
Reflow Only
Packaging
Paper/Embossed
All Embossed
All Embossed
All Embossed
All Embossed
(L) Length
mm
3.20 + 0.20
4.50 ± 0.30
4.50 ± 0.30
5.70 ± 0.40
5.72 ± 0.25
(in.)
(0.126 ± 0.008)
(0.177 ± 0.012)
(0.177 ± 0.012)
(0.225 ± 0.016)
(0.225 ± 0.010)
W) Width
mm
2.50 ± 0.20
3.20 ± 0.20
6.40 ± 0.40
5.00 ± 0.40
6.35 ± 0.25
(in.)
(0.098 ± 0.008)
(0.126 ± 0.008)
(0.252 ± 0.016)
(0.197 ± 0.016)
(0.250 ± 0.010)
(t) Terminal
mm
0.50 ± 0.25
0.61 ± 0.36
0.61 ± 0.36
0.64 ± 0.39
0.64 ± 0.39
(in.)
(0.020 ± 0.010)
(0.024 ± 0.014)
(0.024 ± 0.014)
(0.025 ± 0.015)
(0.025 ± 0.015)
WVDC
10
16
25
50
100
200
500
50
100
200
500
50
100
25
50
100
200
50
100
Cap
100
(pF)
150
220
330
470
680
1000
1500
J
J
J
J
J
J
M
2200
J
J
J
J
J
J
M
3300
J
J
J
J
J
J
M
4700
J
J
J
J
J
J
M
6800
J
J
J
J
J
J
M
Cap
0.010
J
J
J
J
J
J
M
K
K
K
K
M
M
X
X
X
M
P
(μF)
0.015
J
J
J
J
J
J
P
K
K
K
P
M
M
X
X
X
M
P
0.022
J
J
J
J
J
J
Q
K
K
K
P
M
M
X
X
X
M
P
0.033
J
J
J
J
J
J
Q
K
K
K
X
M
M
X
X
X
M
P
0.047
J
J
J
J
J
J
K
K
K
Z
M
M
X
X
X
M
P
0.068
J
J
J
J
J
M
K
K
K
Z
M
M
X
X
X
M
P
0.10
J
J
J
J
J
M
K
K
K
Z
M
M
X
X
X
M
P
0.15
J
J
J
J
M
Z
K
K
P
M
M
X
X
X
M
P
0.22
J
J
J
J
P
Z
K
K
P
M
M
X
X
X
M
P
0.33
J
J
J
J
Q
K
M
X
M
M
X
X
X
M
P
0.47
M
M
M
M
Q
K
P
M
M
X
X
X
M
P
0.68
M
M
P
X
X
M
Q
M
P
X
X
M
P
1.0
N
N
P
X
Z
M
X
M
P
X
X
M
P
1.5
N
N
Z
Z
Z
Z
Z
M
X
X
M
X
2.2
X
X
Z
Z
Z
Z
Z
X
X
M
3.3
X
X
Z
Z
Z
X
Z
4.7
X
X
Z
Z
Z
X
Z
10
Z
Z
Z
Z
Z
Z
22
Z
Z
Z
47
100
WVDC
10
16
25
50
100
200
500
50
100
200
500
50
100
25
50
100
200
50
100
SIZE
LD10
LD12
LD13
LD20
LD14
Letter
A
C
E
G
J
K
M
N
P
Q
X
Y
Z
Max.
Thickness
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040) (0.050) (0.055) (0.060) (0.070) (0.090) (0.100) (0.110)
PAPER
EMBOSSED
PREFERRED SIZES ARE SHADED
112916


Similar Part No. - LD025A101GAX2A

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
LD02 GULFSEMI-LD02 Datasheet
202Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 0.6A
logo
MORNSUN Science& Techno...
LD02-10B03 MORNSUN-LD02-10B03 Datasheet
299Kb / 3P
   1W/2W, ULTRA SMALL SIZE AC-DC CONVERTER
LD02-10B05 MORNSUN-LD02-10B05 Datasheet
299Kb / 3P
   1W/2W, ULTRA SMALL SIZE AC-DC CONVERTER
LD02-10B09 MORNSUN-LD02-10B09 Datasheet
299Kb / 3P
   1W/2W, ULTRA SMALL SIZE AC-DC CONVERTER
LD02-10B12 MORNSUN-LD02-10B12 Datasheet
299Kb / 3P
   1W/2W, ULTRA SMALL SIZE AC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com