Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZXTN2010G Datasheet(PDF) 1 Page - Zetex Semiconductors

Part No. ZXTN2010G
Description  60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo 

ZXTN2010G Datasheet(HTML) 1 Page - Zetex Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
SEMICO NDUC TORS
SUMMARY
BVCEO = 60V : RSAT = 35m ; IC = 6A
DESCRIPTION
Packaged in the SOT223 outline this new low saturation 60V NPN transistor
offers extremely low on state losses making it ideal for use in DC-DC circuits
and various driving and power management functions.
FEATURES
Extremely low equivalent on-resistance; R
SAT = 35mV at 6A
6 amps continuous current
Up to 20 amps peak current
Very low saturation voltages
Excellent h
FE characteristics up to 10 amps
APPLICATIONS
Emergency lighting circuits
Motor driving (including DC fans)
Solenoid, relay and actuator drivers
DC Modules
Backlight Inverters
DEVICE MARKING
ZXTN
2010
ZXTN2010G
ISSUE 1 - JUNE 2005
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
DEVICE
REEL
SIZE
TAPE
WIDTH
QUANTITY PER
REEL
ZXTN2010GTA
7”
12mm
embossed
1000 units
ZXTN2010GTC
13”
4000 units
ORDERING INFORMATION
PINOUT
TOP VIEW
SOT223


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn