Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A64S06162AG-70U Datasheet(PDF) 6 Page - AMIC Technology

Part # A64S06162AG-70U
Description  16M(1M x 16bit) Normal mode & Page mode with Deep Power Down Static Random Access Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A64S06162AG-70U Datasheet(HTML) 6 Page - AMIC Technology

Back Button A64S06162AG-70U Datasheet HTML 2Page - AMIC Technology A64S06162AG-70U Datasheet HTML 3Page - AMIC Technology A64S06162AG-70U Datasheet HTML 4Page - AMIC Technology A64S06162AG-70U Datasheet HTML 5Page - AMIC Technology A64S06162AG-70U Datasheet HTML 6Page - AMIC Technology A64S06162AG-70U Datasheet HTML 7Page - AMIC Technology A64S06162AG-70U Datasheet HTML 8Page - AMIC Technology A64S06162AG-70U Datasheet HTML 9Page - AMIC Technology A64S06162AG-70U Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
A64S06162A
(May, 2005, Version 0.0)
AMIC Technology, Corp.
Preliminary
AC TEST CONDITIONS
TA = -40
℃ to 85℃ (Normal), unless otherwise specified
AC TEST LOADS
Note : (1) Including jig and scope capacitance
TTL
CL(1)
CL = 30pF + 1TTL Load
Output Load
1.5V
Input and Output Timing Reference Level
5ns
Input Rise and Fall Time
0.4V to 2.2V
Input Pulse Level
Value
PARAMETER
POWER UP TIME
At starting, maintain stable power for a minimum 100us with /CS = /PD = high.


Similar Part No. - A64S06162AG-70U

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A64S0616 AMICC-A64S0616 Datasheet
171Kb / 15P
   1M X 16 Bit Low Voltage Super RAM
A64S06161A AMICC-A64S06161A Datasheet
189Kb / 13P
   16M(1M x 16bit) Normal mode & Page mode Static Random Access Memory
A64S06161A-70U AMICC-A64S06161A-70U Datasheet
189Kb / 13P
   16M(1M x 16bit) Normal mode & Page mode Static Random Access Memory
A64S06161AG-70 AMICC-A64S06161AG-70 Datasheet
189Kb / 13P
   16M(1M x 16bit) Normal mode & Page mode Static Random Access Memory
A64S06161AG-70F AMICC-A64S06161AG-70F Datasheet
189Kb / 13P
   16M(1M x 16bit) Normal mode & Page mode Static Random Access Memory
More results

Similar Description - A64S06162AG-70U

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A64S06161A AMICC-A64S06161A Datasheet
189Kb / 13P
   16M(1M x 16bit) Normal mode & Page mode Static Random Access Memory
logo
Motorola, Inc
MCM6227A MOTOROLA-MCM6227A Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227B MOTOROLA-MCM6227B Datasheet
147Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6949 MOTOROLA-MCM6949 Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
MCM6249 MOTOROLA-MCM6249 Datasheet
116Kb / 7P
   1M x4 Bit Static Random Access Memory
logo
Samsung semiconductor
K1S2816BCM SAMSUNG-K1S2816BCM Datasheet
138Kb / 10P
   8Mx16 bit Page Mode Uni-Transistor Random Access Memory
K1S6416BCC SAMSUNG-K1S6416BCC Datasheet
138Kb / 10P
   4Mx16 bit Page Mode Uni-Transistor Random Access Memory
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
K1S1616BCA SAMSUNG-K1S1616BCA Datasheet
186Kb / 10P
   1Mx16 bit Page Mode Uni-Transistor Random Access Memory
K1S16161CA SAMSUNG-K1S16161CA Datasheet
186Kb / 10P
   1Mx16 bit Page Mode Uni-Transistor Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com