Electronic Components Datasheet Search |
|
IDT74FCT163344 Datasheet(PDF) 3 Page - Integrated Device Technology |
|
IDT74FCT163344 Datasheet(HTML) 3 Page - Integrated Device Technology |
3 / 7 page 3 IDT74FCT163344/A/C 3.3V CMOS ONE-TO-FOUR ADDRESS/CLOCK DRIVER INDUSTRIALTEMPERATURERANGE DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40°C to +85°C, VCC = 2.7V to 3.6V Symbol Parameter Test Conditions(1) Min. Typ.(2) Max. Unit VIH Input HIGH Level (Input pins) Guaranteed Logic HIGH Level 2 — 5.5 V Input HIGH Level (I/O pins) 2 — Vcc+0.5 VIL Input LOW Level Guaranteed Logic HIGH Level –0.5 — 0.8 V (Input and I/O pins) IIH Input HIGH Current (Input pins) VCC = Max. VI = 5.5V — — ±1 µA Input HIGH Current (I/O pins) VI = VCC —— ±1 IIL Input LOW Current (Input pins) VI = GND — — ±1 Input LOW Current (I/O pins) VI = GND — — ±1 IOZH High Impedance Output Current VCC = Max. VO = VCC —— ±1 µA IOZL (3-State Output pins) VO = GND — — ±1 VIK Clamp Diode Voltage VCC = Min., IIN = –18mA — –0.7 –1.2 V IODH Output HIGH Current VCC = 3.3V, VIN = VIH or VIL, VO = 1.5V(3) –36 –60 –110 mA IODL Output LOW Current VCC = 3.3V, VIN = VIH or VIL, VO = 1.5V(3) 50 90 200 mA VOH Output HIGH Voltage VCC = Min. IOH = –0.1mA VCC+0.2 — — V VIN = VIH or VIL IOH = –3mA 2.4 3 — VCC = 3V IOH = –8mA 2.4(5) 3— VIN = VIH or VIL VOL Output LOW Voltage VCC = Min. IOL = 0.1mA — — 0.2 V VIN = VIH or VIL IOL = 16mA — 0.2 0.4 IOL = 24mA — 0.3 0.55 VCC = 3V IOL = 24mA 0.3 0.5 VIN = VIH or VIL IOS Short Circuit Current(4) VCC = Max., VO = GND(3) –60 –135 –240 mA VH Input Hysteresis — — 150 — mV ICCL ICCH ICCZ Quiescent Power Supply Current VCC = Max. VIN = GND or VCC —0.1 10 µ A NOTES: 1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 3.3V, +25°C ambient. 3. Not more than one output should be tested at one time. Duration of the test should not exceed one second. 4. This parameter is guaranteed but not tested. 5. VOH = Vcc -0.6V at rated current. |
Similar Part No. - IDT74FCT163344 |
|
Similar Description - IDT74FCT163344 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |