Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC2207 Datasheet(PDF) 2 Page - Raytheon Company

Part # RC2207
Description  Voltage Controlled Oscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYTHEON [Raytheon Company]
Direct Link  http://www.raytheon.com
Logo RAYTHEON - Raytheon Company

RC2207 Datasheet(HTML) 2 Page - Raytheon Company

  RC2207 Datasheet HTML 1Page - Raytheon Company RC2207 Datasheet HTML 2Page - Raytheon Company RC2207 Datasheet HTML 3Page - Raytheon Company RC2207 Datasheet HTML 4Page - Raytheon Company RC2207 Datasheet HTML 5Page - Raytheon Company RC2207 Datasheet HTML 6Page - Raytheon Company RC2207 Datasheet HTML 7Page - Raytheon Company RC2207 Datasheet HTML 8Page - Raytheon Company RC2207 Datasheet HTML 9Page - Raytheon Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RC2207
PRODUCT SPECIFICATION
2
Pin Assignments
Pin Descriptions
Pin Name
Pin Number
Pin Function Description
Bias for Single
Supply
11
For single supply operations, pin 11 should be externally biased to a
potential between +VS/3 and +VS/2 (see Figure 8). The bias current at pin
11 is nominally 5% of the total oscillation timing current IT.
Binary Keying
Inputs
8, 9
The internal impedance at these pins is approximately 5 k
Ω. Keying levels
are <1.4V for zero and > 3V for one logic levels referenced to the DC voltage
at pin 10.
Ground
10
For split supply operation, this pin serves as circuit ground. For single supply
operation, pin 10 should be AC grounded through a 1
µF bypass capacitor.
During split supply operation, a ground current of 2 IT flows out of this
terminal, where IT is the total timing current.
Squarewave
Output
13
The squarewave output at pin 13 is an open-collector stage capable of
sinking up to 20 mA of load current. RL serves as a pull-up load resistor for
this output. Recommended values for RL range from 1 k
Ω to 10 kΩ
Supply Voltage
(+VS, –VS)
1, 12
The RC2207 is designed to operate over a power supply range of +4V to
±13V for split supplies, or 8V to 26V for single supplies. At high supply
voltages, the frequency sweep range is reduced. Performance is optimum
for
±6V, or 12V single supply operation.
Timing Capacitor
2, 3
The oscillator frequency is inversely proportional to the timing capacitor, C.
The minimum capacitance value is limited by stray capacitances and the
maximum value by physical size and leakage current considerations.
Recommended values range from 100 pF to 100
µF. The capacitor should
be non-polarized.
Timing Resistors
(R1–R4)
4–7
The timing resistors determine the total timing current, IT, available to
charge the timing capacitor. Values for timing resistors can range from 1.5
k
Ω to 2 MΩ; however, for optimum temperature and power supply stability,
recommended values are 4 k
Ω to 200 kΩ. To avoid parasitic pick up, timing
resistor leads should be kept as short as possible. For noise environments,
unused or deactivated timing terminals should be bypassed to ground
through 0.1
µF capacitors. Otherwise, they may be left open.
Trianglewave
Output
14
The output at pin 14 is a trianglewave with a peak swing of approximately
one-half of the total supply voltage. Pin 14 has a very low output impedance
of 10
Ω and is internally protected against short circuits.
Notice that the triangle waveform linearity is sensitive to parasite coupling
between the square and the trianglewave outputs (pins 13 and 14). In board
layout or circuit wiring, care should be taken to minimize stray wiring
capacitance between those pins.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
65-2207-02
Binary
Keying
Inputs
GND
Bias
Squarewave Output
Trianglewave Output
+VS
Timing
Capacitor
Timing
Resistors
R1
R2
R3
R4
+VS


Similar Part No. - RC2207

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC2200 ETC-RC2200 Datasheet
372Kb / 17P
   ZigBee Ready RF Transceiver Modules
RC2200AT ETC-RC2200AT Datasheet
372Kb / 17P
   ZigBee Ready RF Transceiver Modules
RC2200MM ETC-RC2200MM Datasheet
372Kb / 17P
   ZigBee Ready RF Transceiver Modules
RC2202 ETC-RC2202 Datasheet
372Kb / 17P
   ZigBee Ready RF Transceiver Modules
RC2202AT ETC-RC2202AT Datasheet
372Kb / 17P
   ZigBee Ready RF Transceiver Modules
More results

Similar Description - RC2207

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC1921-5 SYNERGY-MFC1921-5 Datasheet
279Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC8192-5 SYNERGY-MFC8192-5 Datasheet
494Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO80210-5 SYNERGY-DCMO80210-5 Datasheet
287Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
logo
Exar Corporation
XR-2209 EXAR-XR-2209 Datasheet
187Kb / 20P
   Voltage-Controlled Oscillator
logo
Z-Communications, Inc
CLV1137 ZCOMM-CLV1137 Datasheet
44Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com