Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT74ALVCH162721 Datasheet(PDF) 3 Page - Integrated Device Technology

Part No. IDT74ALVCH162721
Description  3.3V CMOS 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT74ALVCH162721 Datasheet(HTML) 3 Page - Integrated Device Technology

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
EXTENDED COMMERCIAL TEMPERATURE RANGE
IDT74ALVCH162721
3.3V CMOS 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
Symbol
Parameter(1)
Test Conditions
Min.
Typ.(2)
Max.
Unit
IBHH
Bus-Hold Input Sustain Current
VCC = 3.0V
VI = 2.0V
– 75
µ A
IBHL
VI = 0.8V
75
IBHH
Bus-Hold Input Sustain Current
VCC = 2.3V
VI = 1.7V
– 45
µ A
IBHL
VI = 0.7V
45
IBHHO
Bus-Hold Input Overdrive Current
VCC = 3.6V
VI = 0 to 3.6V
± 500
µ A
IBHLO
NEW16link
BUS-HOLD CHARACTERISTICS
NOTES:
1. Pins with Bus-hold are identified in the pin description.
2. Typical values are at VCC = 3.3V, +25°C ambient.
NOTE:
1. Typical values are at VCC = 3.3V, +25°C ambient.
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified:
Operating Condition: TA = – 40° C to +85° C
Symbol
Parameter
Test Conditions
Min.
Typ.(1)
Max.
Unit
VIH
Input HIGH Voltage Level
VCC = 2.3V to 2.7V
1.7
V
VCC = 2.7V to 3.6V
2
VIL
Input LOW Voltage Level
VCC = 2.3V to 2.7V
0.7
V
VCC = 2.7V to 3.6V
0.8
IIH
Input HIGH Current
VCC = 3.6V
VI = VCC
——
± 5
µ A
IIL
Input LOW Current
VCC = 3.6V
VI = GND
± 5
IOZH
High Impedance Output Current
VCC = 3.6V
VO = VCC
——
± 10
µ A
IOZL
(3-State Output pins)
VO = GND
± 10
µ A
VIK
Clamp Diode Voltage
VCC = 2.3V, IIN = – 18mA
– 0.7
– 1.2
V
VH
Input Hysteresis
VCC = 3.3V
100
mV
ICCL
ICCH
ICCZ
Quiescent Power Supply Current
VCC = 3.6V
VIN = GND or VCC
—0.1
40
µ A
∆ICC
Quiescent Power Supply
Current Variation
One input at VCC
− 0.6V,
other inputs at VCC or GND
750
µ A
NEW16link


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn