Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A63P7336 Datasheet(PDF) 16 Page - AMIC Technology

Part # A63P7336
Description  128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A63P7336 Datasheet(HTML) 16 Page - AMIC Technology

Back Button A63P7336 Datasheet HTML 9Page - AMIC Technology A63P7336 Datasheet HTML 10Page - AMIC Technology A63P7336 Datasheet HTML 11Page - AMIC Technology A63P7336 Datasheet HTML 12Page - AMIC Technology A63P7336 Datasheet HTML 13Page - AMIC Technology A63P7336 Datasheet HTML 14Page - AMIC Technology A63P7336 Datasheet HTML 15Page - AMIC Technology A63P7336 Datasheet HTML 16Page - AMIC Technology A63P7336 Datasheet HTML 17Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
A63P7336
PRELIMINARY
(July, 2005, Version 0.0)
15
AMIC Technology, Corp.
Ordering Information
Part No.
Access Times (ns)
Frequency (MHz)
Package
A63P7336E-2.6
2.6
250
100L LQFP
A63P7336E-2.6F
2.6
250
100L Pb-Free LQFP
A63P7336E-2.8
2.8
225
100L LQFP
A63P7336E-2.8F
2.8
225
100L Pb-Free LQFP
A63P7336E-3.2
3.2
200
100L LQFP
A63P7336E-3.2F
3.2
200
100L Pb-Free LQFP
A63P7336E-3.5
3.5
166
100L LQFP
A63P7336E-3.5F
3.5
166
100L Pb-Free LQFP
A63P7336E-3.8
3.8
150
100L LQFP
A63P7336E-3.8F
3.8
150
100L Pb-Free LQFP
A63P7336E-4.2
4.2
133
100L LQFP
A63P7336E-4.2F
4.2
133
100L Pb-Free LQFP


Similar Part No. - A63P7336

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A63P73361 AMICC-A63P73361 Datasheet
262Kb / 16P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63P73361E AMICC-A63P73361E Datasheet
262Kb / 16P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63P73361E-6.5 AMICC-A63P73361E-6.5 Datasheet
262Kb / 16P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63P73361E-6.5F AMICC-A63P73361E-6.5F Datasheet
262Kb / 16P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63P73361E-7.5 AMICC-A63P73361E-7.5 Datasheet
262Kb / 16P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
More results

Similar Description - A63P7336

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A63L7336 AMICC-A63L7336 Datasheet
257Kb / 17P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L7332 AMICC-A63L7332 Datasheet
381Kb / 17P
   128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63G7332 AMICC-A63G7332 Datasheet
382Kb / 17P
   128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L0636 AMICC-A63L0636 Datasheet
257Kb / 17P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L8336 AMICC-A63L8336 Datasheet
257Kb / 17P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63P0636 AMICC-A63P0636 Datasheet
257Kb / 17P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63P8336 AMICC-A63P8336 Datasheet
257Kb / 17P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L73361 AMICC-A63L73361 Datasheet
262Kb / 16P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63P73361 AMICC-A63P73361 Datasheet
262Kb / 16P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L73321 AMICC-A63L73321 Datasheet
186Kb / 17P
   128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com