Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A63L83361E-8F Datasheet(PDF) 3 Page - AMIC Technology

Part # A63L83361E-8F
Description  256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A63L83361E-8F Datasheet(HTML) 3 Page - AMIC Technology

  A63L83361E-8F Datasheet HTML 1Page - AMIC Technology A63L83361E-8F Datasheet HTML 2Page - AMIC Technology A63L83361E-8F Datasheet HTML 3Page - AMIC Technology A63L83361E-8F Datasheet HTML 4Page - AMIC Technology A63L83361E-8F Datasheet HTML 5Page - AMIC Technology A63L83361E-8F Datasheet HTML 6Page - AMIC Technology A63L83361E-8F Datasheet HTML 7Page - AMIC Technology A63L83361E-8F Datasheet HTML 8Page - AMIC Technology A63L83361E-8F Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
A63L83361
PRELIMINARY (July, 2005, Version 0.0)
2
AMIC Technology, Corp.
Pin Configuration
I/O20
I/O21
VCCQ
GNDQ
I/O22
I/O23
I/O24
I/O25
GNDQ
I/O26
I/O27
VCCQ
VCC
NC
I/O34
GND
I/O28
I/O29
VCCQ
GNDQ
I/O30
I/O31
I/O32
I/O33
GNDQ
VCCQ
I/O35
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
28
30
27
29
80
79
78
77
76
75
74
72
73
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
I/O17
I/O16
VCCQ
GNDQ
I/O15
I/O14
I/O13
I/O12
GNDQ
VCCQ
I/O11
I/O10
GND
NC
VCC
ZZ
I/O8
I/O7
VCCQ
GNDQ
I/O6
I/O5
I/O4
I/O3
GNDQ
VCCQ
I/O2
I/O1
A63L83361E
NC
I/O9
I/O18
I/O19
I/O36


Similar Part No. - A63L83361E-8F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A63L83361 AMICC-A63L83361_15 Datasheet
207Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM
More results

Similar Description - A63L83361E-8F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A63P83361 AMICC-A63P83361 Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63P06361 AMICC-A63P06361 Datasheet
279Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L73361 AMICC-A63L73361 Datasheet
262Kb / 16P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63P73361 AMICC-A63P73361 Datasheet
262Kb / 16P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L06361 AMICC-A63L06361 Datasheet
263Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L8336 AMICC-A63L8336 Datasheet
257Kb / 17P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63P8336 AMICC-A63P8336 Datasheet
257Kb / 17P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L73321 AMICC-A63L73321 Datasheet
186Kb / 17P
   128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
logo
Austin Semiconductor
AS5SS256K36 AUSTIN-AS5SS256K36 Datasheet
332Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
AS5SS256K36 AUSTIN-AS5SS256K36_05 Datasheet
397Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com