Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A63P0636E-2.6 Datasheet(PDF) 9 Page - AMIC Technology

Part # A63P0636E-2.6
Description  1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A63P0636E-2.6 Datasheet(HTML) 9 Page - AMIC Technology

Back Button A63P0636E-2.6 Datasheet HTML 5Page - AMIC Technology A63P0636E-2.6 Datasheet HTML 6Page - AMIC Technology A63P0636E-2.6 Datasheet HTML 7Page - AMIC Technology A63P0636E-2.6 Datasheet HTML 8Page - AMIC Technology A63P0636E-2.6 Datasheet HTML 9Page - AMIC Technology A63P0636E-2.6 Datasheet HTML 10Page - AMIC Technology A63P0636E-2.6 Datasheet HTML 11Page - AMIC Technology A63P0636E-2.6 Datasheet HTML 12Page - AMIC Technology A63P0636E-2.6 Datasheet HTML 13Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
A63P0636
PRELIMINARY
(July, 2005, Version 0.0)
8
AMIC Technology, Corp.
DC Electrical Characteristics
(0
°C ≤ TA ≤ 70°C, VCC, VCCQ = 2.5V+10% or 2.5V-5%, unless otherwise noted)
Symbol
Parameter
Min.
Max.
Unit
Test Conditions
Note
⏐ILI
Input Leakage Current
-
±2.0
µA
All inputs VIN = GND to VCC
⏐ILO
Output Leakage Current
-
±2.0
µA
OE = VIH, Vout = GND to VCC
ICC1
Supply Current
-
400
mA
Device selected; VCC = max.
Iout = 0mA, all inputs = VIH or VIL
Cycle time = tKC min.
3, 11
ISB1
Standby Current
-
180
mA
Device deselected; VCC = max.
All inputs are fixed.
All inputs
≥ VCC - 0.2V
or
≤ GND + 0.2V
Cycle time = tKC min.
11
ISB2
-
150
mA
ZZ
≥ VCC - 0.2V
VOL
Output Low Voltage
-
0.4
V
IOL = 1 mA
VOH
Output High Voltage
2.0
-
V
IOH = -1 mA
Capacitance
Symbol
Parameter
Typ.
Max.
Unit
Conditions
CIN
Input Capacitance
3
4
pF
TA = 25 C; f = 1MHz
CI/O
Input/Output Capacitance
4
5
pF
VCC = 2.5V
* These parameters are sampled and not 100% tested.


Similar Part No. - A63P0636E-2.6

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A63P06361 AMICC-A63P06361 Datasheet
279Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63P06361E AMICC-A63P06361E Datasheet
279Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63P06361E-6.5 AMICC-A63P06361E-6.5 Datasheet
279Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63P06361E-6.5F AMICC-A63P06361E-6.5F Datasheet
279Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63P06361E-7.5 AMICC-A63P06361E-7.5 Datasheet
279Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
More results

Similar Description - A63P0636E-2.6

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A63L0636 AMICC-A63L0636 Datasheet
257Kb / 17P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L7336 AMICC-A63L7336 Datasheet
257Kb / 17P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L8336 AMICC-A63L8336 Datasheet
257Kb / 17P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63P8336 AMICC-A63P8336 Datasheet
257Kb / 17P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63P7336 AMICC-A63P7336 Datasheet
257Kb / 17P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63P06361 AMICC-A63P06361 Datasheet
279Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L06361 AMICC-A63L06361 Datasheet
263Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L7332 AMICC-A63L7332 Datasheet
381Kb / 17P
   128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63G7332 AMICC-A63G7332 Datasheet
382Kb / 17P
   128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L83361 AMICC-A63L83361 Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com