Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A63P0636 Datasheet(PDF) 14 Page - AMIC Technology

Part # A63P0636
Description  1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A63P0636 Datasheet(HTML) 14 Page - AMIC Technology

Back Button A63P0636 Datasheet HTML 9Page - AMIC Technology A63P0636 Datasheet HTML 10Page - AMIC Technology A63P0636 Datasheet HTML 11Page - AMIC Technology A63P0636 Datasheet HTML 12Page - AMIC Technology A63P0636 Datasheet HTML 13Page - AMIC Technology A63P0636 Datasheet HTML 14Page - AMIC Technology A63P0636 Datasheet HTML 15Page - AMIC Technology A63P0636 Datasheet HTML 16Page - AMIC Technology A63P0636 Datasheet HTML 17Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
A63P0636
PRELIMINARY
(July, 2005, Version 0.0)
13
AMIC Technology, Corp.
Timing Waveforms (continued)
CLK
ADSP
ADSC
ADDRESS
A1
A3
CE
(NOTE *2)
ADV
OE
D(A3)
D(A5)
D(A6)
High-Z
DIN
tCEH
tCES
tADSH
tADSS
tKL
tKH
tKC
A2
A4
A5
A6
GW,BWE,
BW1-BW4
(NOTE *3)
High-Z
Q(A1)
Q(A2)
Q(A3)
Q(A4)
Q(A4+1)
Q(A4+2)
Q(A4+3)
DOUT
Back-to-Back READs
Single WRITE
Pass-through
READ
(NOTE *4)
BURST READ
Back-to-Back
WRITEs
(NOTE *1)
tKQ
tOELZ
tDH
tDS
tOEHZ
tKQ
tKQLZ
tWS
tWH
tAS
tAH
Read/Write Timing
Notes:
*1. Q(A4) refers to output from address A4. Q(A4+1) refers to output from the internal burst address immediately
following A4.
*2. Timing for CE2 and CE2 is identical to that for CE . As shown in this diagram, when CE is LOW, CE2 is
LOW and CE2 is HIGH. When CE is HIGH, CE2 is HIGH and CE2 is LOW.
*3. Byte Write enables are decided by means of a Write truth table.
*4. Pass-through occurs when data is first written, then Read in sequence.


Similar Part No. - A63P0636

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A63P06361 AMICC-A63P06361 Datasheet
279Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63P06361E AMICC-A63P06361E Datasheet
279Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63P06361E-6.5 AMICC-A63P06361E-6.5 Datasheet
279Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63P06361E-6.5F AMICC-A63P06361E-6.5F Datasheet
279Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63P06361E-7.5 AMICC-A63P06361E-7.5 Datasheet
279Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
More results

Similar Description - A63P0636

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A63L0636 AMICC-A63L0636 Datasheet
257Kb / 17P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L7336 AMICC-A63L7336 Datasheet
257Kb / 17P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L8336 AMICC-A63L8336 Datasheet
257Kb / 17P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63P8336 AMICC-A63P8336 Datasheet
257Kb / 17P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63P7336 AMICC-A63P7336 Datasheet
257Kb / 17P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63P06361 AMICC-A63P06361 Datasheet
279Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L06361 AMICC-A63L06361 Datasheet
263Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L7332 AMICC-A63L7332 Datasheet
381Kb / 17P
   128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63G7332 AMICC-A63G7332 Datasheet
382Kb / 17P
   128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L83361 AMICC-A63L83361 Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com