Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT1641YI-25TDFN Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT1641YI-25TDFN
Description  Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1641YI-25TDFN Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT1641YI-25TDFN Datasheet HTML 7Page - Catalyst Semiconductor CAT1641YI-25TDFN Datasheet HTML 8Page - Catalyst Semiconductor CAT1641YI-25TDFN Datasheet HTML 9Page - Catalyst Semiconductor CAT1641YI-25TDFN Datasheet HTML 10Page - Catalyst Semiconductor CAT1641YI-25TDFN Datasheet HTML 11Page - Catalyst Semiconductor CAT1641YI-25TDFN Datasheet HTML 12Page - Catalyst Semiconductor CAT1641YI-25TDFN Datasheet HTML 13Page - Catalyst Semiconductor CAT1641YI-25TDFN Datasheet HTML 14Page - Catalyst Semiconductor CAT1641YI-25TDFN Datasheet HTML 15Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
Advance Information
CAT1640, CAT1641
Doc No. 25082, Rev. 00
Acknowledge Polling
Disabling of the inputs can be used to take advantage of
the typical write cycle time. Once the stop condition is
issued to indicate the end of the host’s write opration, the
CAT1640/41 initiates the internal write cycle. ACK polling
can be initiated immediately. This involves issuing the
start condition followed by the slave address for a write
operation. If the device is still busy with the write operation,
no ACK will be returned. If a write operation has
completed, an ACK will be returned and the host can
then proceed with the next read or write operation.
Read Operations
The READ operation for the CAT1640/41 is initiated in
the same manner as the write operation with one
exception, that R/
W bit is set to one. Three different
READ operations are possible: Immediate/Current
Address READ, Selective/Random READ and
Sequential READ.
SCL
SDA
8TH BIT
STOP
NO ACK
DATA OUT
89
SLAVE
ADDRESS
S
A
C
K
DATA
N
O
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
Figure 10. Immediate Address Read Timing


Similar Part No. - CAT1641YI-25TDFN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT1641YI-25-GT3 ONSEMI-CAT1641YI-25-GT3 Datasheet
802Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Doc. No. MD-3012, Rev. D
More results

Similar Description - CAT1641YI-25TDFN

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1640 CATALYST-CAT1640_07 Datasheet
144Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
logo
ON Semiconductor
CAT1640 ONSEMI-CAT1640 Datasheet
802Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Doc. No. MD-3012, Rev. D
logo
Catalyst Semiconductor
CAT1320 CATALYST-CAT1320 Datasheet
496Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
logo
ON Semiconductor
CAT1320 ONSEMI-CAT1320 Datasheet
809Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
Doc. No. MD-3014, Rev. D
logo
Catalyst Semiconductor
CAT1320 CATALYST-CAT1320_08 Datasheet
143Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT1161J-42 ONSEMI-CAT1161J-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64_05 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT1161WI-30-G ONSEMI-CAT1161WI-30-G Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com