Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M532R16J-10 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M5M532R16J-10
Description  524288-BIT (32768-WORD BY 16-BIT) CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M532R16J-10 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M5M532R16J-10 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M532R16J-10 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M532R16J-10 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M532R16J-10 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M532R16J-10 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M532R16J-10 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M532R16J-10 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M532R16J-10 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
M5M532R16J,TP-10,-12,-15
MITSUBISHI LSIs
524288-BIT (32768-WORD BY 16-BIT) CMOS STATIC RAM
MITSUBISHI
ELECTRIC
Output timing reference levels
V
=1.5V, V
=1.5V
DC ELECTRICAL CHARACTERISTICS (Ta=0 ~ 70 , Vcc=5V±10% , unless otherwise noted)
CAPACITANCE
C I
CO
VI =GND,Vi =25mVrms,f=1MHz
Vo =GND,Vo =25mVrms,f=1MHz
6
8
pF
pF
Input capacitance
Output capacitance
Symbol
Parameter
Limit
Max
Typ
Min
Test Condition
Unit
(1) MEASUREMENT CONDITION
Input pulse levels
V
=3.0V, V
=0.0V
Input rise and fall time
3ns
Input timing reference levels
V
=1.5V, V =1.5V
Output loads
Fig1,Fig2
IH
IH
IL
IL
OH
OL
480
255
Vcc
DQ
Fig.2 Output load for ten , tdis
5pF
Including
scope and JIG
(
)
AC ELECTRICAL CHARACTERISTICS (Ta=0 ~ 70 , Vcc=5V±10% , unless otherwise noted)
(Ta=0 ~ 70
, Vcc=5V±10% , unless otherwise noted)
Note 1: Direction for current flowing into an IC is positive (no mark).
2: Typical value is Vcc=5V,Ta=25
3: CI,CO are periodically sampled and are not 100% tested.
3
ABSOLUTE MAXIMUM RATINGS
1000
0 ~ 70
-10 ~ 85
-3.5* ~ Vcc+0.3
Power dissipation
Operating temperature
Parameter
Supply voltage
Input voltage
Output voltage
Storage temperature(bias)
Symbol
Conditions
With respect to GND
Ratings
-3.5* ~ 7
-65 ~ 150
Storage temperature
* Pulse width
20ns, In case of DC: - 0.5V
-3.5* ~ Vcc+0.3
Ta=25 C
Vcc
VI
VO
Pd
Topr
Tstg(bias)
Tstg
V
V
V
mW
Unit
C
C
C
<
=
VIH
VIL
VOH
V
V
V
Vcc+0.3
0.8
2.2
2.4
VOL
I I
I CC1
I CC2
I CC3
V
mA
mA
mA
0.4
170
110
10
µA
µA
IOH = - 4mA
IOL= 8mA
V I = 0 ~ Vcc
-0.3*
VI (/S)= VIL
other inputs VIH or VIL
Output-open(duty 100%)
VI (/S)= Vcc
0.2V
other inputs VI
0.2V
or VI
Vcc - 0.2V
VI (/S)= VIH
VO= 0 ~ Vcc
2
AC(10ns cycle)
DC
5
Symbol
Parameter
Max
Typ
Limits
Min
Condition
Unit
High-level input voltage
Input current
Active supply current
(TTL level)
Stand-by supply current
(TTL level)
Output current in off-state
Stand-by current
(MOS level)
Low-level input voltage
High-level output voltage
Low-level output voltage
IOZ
VI (/S)= VIH
AC(12ns cycle)
AC(15ns cycle)
150
130
* Pulse width
20ns, in case of AC : - 3.0V
100
AC(10ns cycle)
DC
AC(12ns cycle)
AC(15ns cycle)
70
50
65
60
>
=
<
=
>
=
<
=
C
C
C
C
Fig.1 Output load
Including
scope and JIG
(
)
VL=1.5V
50
DQ


Similar Part No. - M5M532R16J-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M5M5 ETC1-M5M5 Datasheet
179Kb / 2P
   MEDIUM CURRENT SILICON RECTIFIERS
logo
Edal Industries, Inc.
M5M5 EDAL-M5M5 Datasheet
1Mb / 2P
   SILICON GENERAL PURPOSE 5.0 AMP DIODES
logo
M-System Co.,Ltd.
M5M5-0-M MSYSTEM-M5M5-0-M Datasheet
102Kb / 3P
   Super-mini Terminal Block Signal Conditioners M5-UNIT
M5M5-0-M/A1 MSYSTEM-M5M5-0-M/A1 Datasheet
102Kb / 3P
   Super-mini Terminal Block Signal Conditioners M5-UNIT
M5M5-0-M/K MSYSTEM-M5M5-0-M/K Datasheet
102Kb / 3P
   Super-mini Terminal Block Signal Conditioners M5-UNIT
More results

Similar Description - M5M532R16J-10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5V32R16J-10 MITSUBISHI-M5M5V32R16J-10 Datasheet
74Kb / 8P
   524288-BIT (32768-WORD BY 16-BIT) CMOS STATIC RAM
M5M5W816WG-85L MITSUBISHI-M5M5W816WG-85L Datasheet
87Kb / 8P
   8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
M5M5W816WG-70HI MITSUBISHI-M5M5W816WG-70HI Datasheet
102Kb / 10P
   8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5W816TP-55HI RENESAS-M5M5W816TP-55HI Datasheet
139Kb / 10P
   8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
M5M5W816WG RENESAS-M5M5W816WG Datasheet
155Kb / 10P
   8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5Y816WG-70HI MITSUBISHI-M5M5Y816WG-70HI Datasheet
87Kb / 10P
   8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
M5M5W816WG-85HI MITSUBISHI-M5M5W816WG-85HI Datasheet
102Kb / 10P
   8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
M5M5W816TP-70HI MITSUBISHI-M5M5W816TP-70HI Datasheet
68Kb / 9P
   8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5W817KT-70HI RENESAS-M5M5W817KT-70HI Datasheet
149Kb / 11P
   8388608-BIT (524288-WORD BY 16-BIT / 10485776-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256CFP-12VLL MITSUBISHI-M5M5256CFP-12VLL Datasheet
472Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM?
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com