Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN29LV040A Datasheet(PDF) 20 Page - Eon Silicon Solution Inc.

Part No. EN29LV040A
Description  4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29LV040A Datasheet(HTML) 20 Page - Eon Silicon Solution Inc.

Back Button EN29LV040A Datasheet HTML 16Page - Eon Silicon Solution Inc. EN29LV040A Datasheet HTML 17Page - Eon Silicon Solution Inc. EN29LV040A Datasheet HTML 18Page - Eon Silicon Solution Inc. EN29LV040A Datasheet HTML 19Page - Eon Silicon Solution Inc. EN29LV040A Datasheet HTML 20Page - Eon Silicon Solution Inc. EN29LV040A Datasheet HTML 21Page - Eon Silicon Solution Inc. EN29LV040A Datasheet HTML 22Page - Eon Silicon Solution Inc. EN29LV040A Datasheet HTML 23Page - Eon Silicon Solution Inc. EN29LV040A Datasheet HTML 24Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
This Data Sheet may be revised by subsequent versions
©2003 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
20
EN29LV040A
Rev. A, Issue Date: 2005/08/16
Table 7. DC Characteristics
(Ta = 0°C to 70°C or - 40°C to 85°C; VCC = 2.7-3.6V)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ Vcc
±1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ Vcc
±1
µA
ICC1
Supply Current (read - CMOS)
CE# = VIL; OE# = VIH;
f = 5MHz
7
12
mA
ICC2
Supply Current (Standby - CMOS)
CE# = Vcc ± 0.3V
1
5.0
µA
ICC3
Supply Current (Program or Erase)
Byte program, Sector or
Chip Erase in progress
15
30
mA
ICC4
Automatic Sleep Mode
VIH = Vcc ± 0.3 V
VIL = Vss ± 0.3 V
1
5.0
µA
VIL
Input Low Voltage
-0.5
0.8
V
VIH
Input High Voltage
0.7 x
Vcc
Vcc ±
0.3
V
VOL
Output Low Voltage
IOL = 4.0 mA
0.45
V
VOH
Output High Voltage TTL
IOH = -2.0 mA
0.85 x
Vcc
V
Output High Voltage CMOS
IOH = -100 µA,
Vcc -
0.4V
V
VID
A9 Voltage (Electronic Signature)
10.5
11.5
V
IID
A9 Current (Electronic Signature)
A9 = VID
100
µA
VLKO
Supply voltage (Erase and
Program lock-out)
2.3
2.5
V


Similar Part No. - EN29LV040A

ManufacturerPart No.DatasheetDescription
Eon Silicon Solution Inc.
Eon Silicon Solution In...
EN29LV040A EON-EN29LV040A Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A-45RJCP EON-EN29LV040A-45RJCP Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A-45RJIP EON-EN29LV040A-45RJIP Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A-45RPCP EON-EN29LV040A-45RPCP Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A-45RPIP EON-EN29LV040A-45RPIP Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
More results

Similar Description - EN29LV040A

ManufacturerPart No.DatasheetDescription
Eon Silicon Solution Inc.
Eon Silicon Solution In...
EN29LV040A EON-EN29LV040A_11 Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
AMIC Technology
AMIC Technology
A29L040 AMICC-A29L040 Datasheet
303Kb / 32P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29L040A AMICC-A29L040A Datasheet
405Kb / 30P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29L040 AMICC-A29L040_11 Datasheet
350Kb / 30P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
Advanced Micro Devices
Advanced Micro Devices
AM29LV033C AMD-AM29LV033C_06 Datasheet
1,009Kb / 49P
   32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
Eon Silicon Solution Inc.
Eon Silicon Solution In...
EN29LV010 EON-EN29LV010 Datasheet
401Kb / 35P
   1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
Advanced Micro Devices
Advanced Micro Devices
AM29LV033C AMD-AM29LV033C Datasheet
1,023Kb / 48P
   32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV081B AMD-AM29LV081B_06 Datasheet
952Kb / 40P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AMIC Technology
AMIC Technology
A29040A AMICC-A29040A Datasheet
285Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040B AMICC-A29040B Datasheet
392Kb / 29P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz