Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN8413M Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN8413M
Description  2 Phase Half Wave BLDC Motor Predriver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8413M Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN8413M Datasheet HTML 3Page - Fairchild Semiconductor FAN8413M Datasheet HTML 4Page - Fairchild Semiconductor FAN8413M Datasheet HTML 5Page - Fairchild Semiconductor FAN8413M Datasheet HTML 6Page - Fairchild Semiconductor FAN8413M Datasheet HTML 7Page - Fairchild Semiconductor FAN8413M Datasheet HTML 8Page - Fairchild Semiconductor FAN8413M Datasheet HTML 9Page - Fairchild Semiconductor FAN8413M Datasheet HTML 10Page - Fairchild Semiconductor FAN8413M Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
FAN8412M/FAN8413M
7
2. Hall Amplifier Input Block
The hall current (IH) is determined by R1, R2 and R3.
Where, the R2 is the impedance of hall sensor.
An external capacitor, C1, can be used to reduce a power supply noise. In addition, C2 is to remove a noise which is caused in
case the line is long from the hall sensor output to the hall input (pin 2 / 4) of the device.
The input bias voltage of hall amplifier is between 1V and VCC-2V as following figure.
It is recommended that R1 and R3 should have the same value to make the output signal of hall sensor centered as VCC/2.
FAN8412/13M
IN-
IN+
4
2
V
CC
Hall
Sensor
C2
C1
R1
R2
R3
FAN8412M/FAN8413M
IH
VCC
R1 R2 R3
++
------------------------------------
=
V
CC
V
CC-2V
V
CC / 2
1V
GND


Similar Part No. - FAN8413M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8400BD3 FAIRCHILD-FAN8400BD3 Datasheet
67Kb / 14P
   3-Phase BLDC Motor Driver with PLL
FAN8400D FAIRCHILD-FAN8400D Datasheet
67Kb / 14P
   3-Phase BLDC Motor Driver with PLL
FAN8403D3 FAIRCHILD-FAN8403D3 Datasheet
80Kb / 12P
   3-Phase BLDC Motor Driver with PLL
FAN8403D3TF FAIRCHILD-FAN8403D3TF Datasheet
80Kb / 12P
   3-Phase BLDC Motor Driver with PLL
FAN8404D FAIRCHILD-FAN8404D Datasheet
89Kb / 12P
   2 Phase Half Wave BLDC Motor Driver
More results

Similar Description - FAN8413M

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6406F ROHM-BA6406F Datasheet
62Kb / 5P
   2-phase half-wave motor predriver
BA6404F ROHM-BA6404F Datasheet
38Kb / 3P
   2-phase half-wave motor predriver
BA6402F ROHM-BA6402F Datasheet
46Kb / 3P
   2-phase half-wave motor predriver
logo
Fairchild Semiconductor
FAN8404D FAIRCHILD-FAN8404D Datasheet
89Kb / 12P
   2 Phase Half Wave BLDC Motor Driver
FAN8408D FAIRCHILD-FAN8408D Datasheet
84Kb / 12P
   2 Phase Half Wave BLDC Motor Driver
logo
Texas Instruments
TMP821 TI1-TMP821 Datasheet
523Kb / 13P
[Old version datasheet]   TWO-PHASE HALF-WAVE MOTOR PREDRIVER
logo
Unisonic Technologies
UA9406 UTC-UA9406 Datasheet
94Kb / 5P
   LINEAR INTEGRATED CIRCUIT (2-PHASE HALF-WAVE MOTOR PREDRIVER)
logo
Rohm
BA6809F ROHM-BA6809F Datasheet
88Kb / 6P
   2-phase half-wave motor driver
BA6407AF ROHM-BA6407AF Datasheet
84Kb / 6P
   2-phase half-wave motor driver
logo
Sanyo Semicon Device
LB1967M SANYO-LB1967M Datasheet
35Kb / 4P
   Fan Motor 2-Phase Half-Wave Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com