Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

A49LF040 Datasheet(PDF) 3 Page - AMIC Technology

Part No. A49LF040
Description  4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AMICC [AMIC Technology]
Homepage  http://www.amictechnology.com
Logo 

A49LF040 Datasheet(HTML) 3 Page - AMIC Technology

 
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
A49LF040
PRELIMINARY
(August, 2004, Version 0.1)
2
AMIC Technology, Corp.
PIN CONFIGURATIONS
A7 (GPI1)
A6 (GPI0)
A5 (WP#)
A4 (TBL#)
A3 (ID3)
A2 (ID2)
A1 (ID1)
A0 (ID0)
I/O
0 (LAD0)
21
22
23
24
25
26
27
28
29
12
13
11
8
9
5
7
6
RB# (RES)
I/O
7 (RES)
WE# (LFRAME#)
32-lead PLCC
Top View
OE# (INIT#)
VDD (VDD)
NC
NC
VSS (VSS)
MODE (MODE)
10
(*) Designates LPC Mode
FIGURE 1: Pin Assignments for 32-Lead PLCC
32-lead TSOP (8MM X 14MM)
Top View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NC
NC
VSS (VSS)
MODE (MODE)
A10 (GPI4)
R/C# (LCLK)
VDD (VDD)
RST# (RST#)
A9 (GPI3)
A8 (GPI2)
A7 (GPI1)
A6 (GPI0)
A5 (WP#)
A4 (TBL#)
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A3 (ID3)
A2 (ID2)
A1 (ID1)
A0 (ID0)
I/O
0 (LAD0)
I/O
1 (LAD1)
I/O
2 (LAD2)
VSS (VSS)
I/O
3 (LAD3)
I/O
4 (RES)
I/O
5 (RES)
I/O
6 (RES)
I/O
7 (RES)
VDD (VDD)
WE# (LFRAME#)
OE# (INIT#)
NC
NC
FIGURE 2: Pin Assignments for 32-Lead TSOP
(*) Designates LPC Mode


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn