Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

A49LF040 Datasheet(PDF) 2 Page - AMIC Technology

Part No. A49LF040
Description  4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AMICC [AMIC Technology]
Homepage  http://www.amictechnology.com
Logo 

A49LF040 Datasheet(HTML) 2 Page - AMIC Technology

 
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
A49LF040
4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
Preliminary
PRELIMINARY
(August, 2004, Version 0.1)
1
AMIC Technology, Corp.
FEATURES
• Single Power Supply Operation
-
Low voltage range: 3.0 V - 3.6 V for Read and Write
Operations
• Standard Intel Low Pin Count Interface
-
Read compatible to Intel® Low Pin Count (LPC)
interface
• Memory Configuration
-
512K x 8 (4 Mbit)
• Block Architecture
-
4Mbit: eight uniform 64KByte blocks
-
Supports full chip erase for Address/Address
Multiplexed (A/A Mux) mode
• Automatic Erase and Program Operation
-
Embedded Byte Program and Block/Chip Erase
algorithms
-
Typical 10 µs/byte programming time
-
Typical 1s block erase time
• Two Operational Modes
-
Low Pin Count Interface (LPC) Mode for in-system
operation
-
Address/Address Multiplexed (A/A Mux) Interface
Mode for programming equipment
• Low Pin Count (LPC) Mode
-
33 MHz synchronous operation with PCI bus
-
5-signal communication interface for in-system read
and write operations
-
Standard SDP Command Set
-
Data# Polling (I/O7) and Toggle Bit (I/O6) features
-
4 ID pins for multi-chip selection
-
5 GPI pins for General Purpose Input Register
-
TBL# pin for hardware write protection to Boot Block
-
WP# pin for hardware write protection to whole
memory array except Boot Block
• Address/Address Multiplexed (A/A Mux) Mode
-
11-pin multiplexed address and 8-pin data I/O interface
-
Supports fast programming on EPROM programmers
-
Standard SDP Command Set
-
Data# Polling (I/O7) and Toggle Bit (I/O6) features
• Lower Power Consumption
-
Typical 12mA active read current
-
Typical 24mA program/erase current
• High Product Endurance
-
Guarantee 100,000 program/erase cycles for each
block
-
Minimum 20 years data retention
• Compatible Pin-out and Packaging
-
32-pin (8 mm x 14 mm) TSOP (TYPE I)
-
32-pin PLCC
GENERAL DESCRIPTION
The A49LF040 flash memory device is designed to be read-
compatible with the Intel Low Pin Count (LPC) Interface
Specification 1.1. This device is designed to use a single low
voltage, range from 3.0 Volt to 3.6 Volt power supply to
perform in-system or off-system read and write operations. It
provides protection for the storage and update of code and
data in addition to adding system design flexibility through
five general-purpose inputs. Two interface modes are
supported by the A49LF040: Low Pin Count (LPC) Interface
mode for In-System programming and Address/Address
Multiplexed (A/A Mux) mode for fast factory programming of
PC-BIOS applications.
The memory is divided into eight uniform 64Kbyte blocks that
can be erased independently without affecting the data in
other blocks. Blocks also can be protected individually to
prevent accidental Program or Erase commands from
modifying the memory. The Program and Erase operations
are executed by issuing the Program/Erase commands into
the command interface by which activating the internal
control logic to automatically process the Program/Erase
procedures. The device can be programmed on a byte-by-
byte basis after performing the Erase operation. In addition to
the Block Erase operation, the Chip Erase feature is provided
in A/A Mux mode that allows the whole memory to be erased
in one single Erase operation. The A49LF040 provides the
status detection such as Data# Polling and Toggle Bit
Functions in both LPC and A/A Mux modes. The process or
completion of Program and Erase operations can be
detected by reading the status bits.
The A49LF040 is offered in 32-lead TSOP and 32-lead
PLCC packages. See Figures 1 and 2 for pin assignments
and Table 1 for pin descriptions.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn