Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

A49LF040 Datasheet(PDF) 19 Page - AMIC Technology

Part No. A49LF040
Description  4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AMICC [AMIC Technology]
Homepage  http://www.amictechnology.com
Logo 

A49LF040 Datasheet(HTML) 19 Page - AMIC Technology

Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
A49LF040
PRELIMINARY
(August, 2004, Version 0.1)
18
AMIC Technology, Corp.
Figure 8: A/A Mux Mode AC Input/Output Reference Waveforms
V
IT
V
OT
Reference Points
INPUT
OUTPUT
V
IHT
V
ILT
AC test inputs are driven at V
IHT (0.9VDD) for a logic HIGH and VILT (0.1VDD) for a
logic LOW. Measurement reference points for inputs and outputs are V
IT (0.5VDD)
and V
OT (0.5VDD). Input rise and fall times (10% <-> 90%) are < 5ns
Note:
V
IT: VINPUT Test
V
OT: VOUTPUT Test
V
IHT: VINPUT HIGH Test
V
ILT: VINPUT LOW Test
Figure 9: A/A Mux Mode Test Load Condition
CL=30pF
TO TESTER
TO DUT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn