Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

A49LF040 Datasheet(PDF) 17 Page - AMIC Technology

Part No. A49LF040
Description  4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AMICC [AMIC Technology]
Homepage  http://www.amictechnology.com
Logo 

A49LF040 Datasheet(HTML) 17 Page - AMIC Technology

Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
A49LF040
PRELIMINARY
(August, 2004, Version 0.1)
16
AMIC Technology, Corp.
Table 17: LPC Mode Interface Measurement Condition Parameters
Symbol
Value
Units
VTH
0.6 VDD
V
VTL
0.2 VDD
V
VTEST
0.4 VDD
V
VMAX
0.4 VDD
V
Input Signal Edge Rate
1V/ns
Figure 5: Input Timing Parameters
V
TL
V
TH
T
SU
V
TEST
LCLK
LAD[3:0]
(Valid Input Data)
V
MAX
Valid Inputs
T
DH
Figure 6: Output Timing Parameters
V
TL
V
TH
T
ON
T
OFF
T
VAL
V
TEST
LCLK
LAD[3:0]
(Valid Output Data)
LAD[3:0]
(Float Output Data)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn