Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEM16217SYH Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # DEM16217SYH
Description  Display Elektronik GmbH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DEM16217SYH Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button DEM16217SYH Datasheet HTML 13Page - List of Unclassifed Manufacturers DEM16217SYH Datasheet HTML 14Page - List of Unclassifed Manufacturers DEM16217SYH Datasheet HTML 15Page - List of Unclassifed Manufacturers DEM16217SYH Datasheet HTML 16Page - List of Unclassifed Manufacturers DEM16217SYH Datasheet HTML 17Page - List of Unclassifed Manufacturers DEM16217SYH Datasheet HTML 18Page - List of Unclassifed Manufacturers DEM16217SYH Datasheet HTML 19Page - List of Unclassifed Manufacturers DEM16217SYH Datasheet HTML 20Page - List of Unclassifed Manufacturers DEM16217SYH Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
DEM 16217 SYH
Product specification
12-2-1 AC Characteristics
(VDD = 4.5V ~ 5.5V, Ta = -20 ~ +70°C)
Mode
Item
Symbol Min Typ Max Unit
E Cycle Time
tC
500
E Rise/Fall Time
tR,tF
25
(1) Write Mode
E Pulse Width (High, Low)
tw
220
(refer to Figure 7.0) R/W and RS Setup Time
tsu1
40
ns
R/W and RS Hold Time
tH1
10
Data Setup Time
tsu2
60
Data Hold Time
tH2
10
E Cycle Time
tC
500
E Rise/Fall Time
tR,tF
25
(2) Read Mode
E Pulse Width (High, Low)
tw
220
(refer to Figure 8.0) R/W and RS Setup Time
tsu
40
ns
R/W and RS Hold Time
tH
10
Data Output Delay Time
tD
120
Data Hold Time
tDH
20
(VDD = 2.7V ~ 4.5V, Ta = -20 ~ +70°C)
Mode
Item
Symbol Min Typ Max Unit
E Cycle Time
tC
1400
E Rise/Fall Time
tR,tF
25
(3) Write Mode
E Pulse Width (High, Low)
tw
400
(refer to Figure 7.0) R/W and RS Setup Time
tsu1
60
ns
R/W and RS Hold Time
tH1
20
Data Setup Time
tsu2
140
Data Hold Time
tH2
10
E Cycle Time
tC
1400
E Rise/Fall Time
tR,tF
25
(4) Read Mode
E Pulse Width (High, Low)
tw
400
(refer to Figure 8.0) R/W and RS Setup Time
tsu
60
ns
R/W and RS Hold Time
tH
20
Data Output Delay Time
tD
360
Data Hold Time
tDH
5
VERSION : 1
15


Similar Part No. - DEM16217SYH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DEM16216SYH-LY ETC1-DEM16216SYH-LY Datasheet
257Kb / 22P
   DEM16216SYH-LY
DEM16216SYH-PY ETC-DEM16216SYH-PY Datasheet
228Kb / 8P
   Display Elektronik GmbH
More results

Similar Description - DEM16217SYH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DEM16216SYH-PY ETC-DEM16216SYH-PY Datasheet
228Kb / 8P
   Display Elektronik GmbH
logo
Amphenol Corporation
C091-31G006-100-2 AMPHENOL-C091-31G006-100-2 Datasheet
3Mb / 52P
   Amphenol-Tuchel Electronics GmbH
logo
ALPS ELECTRIC CO.,LTD.
SKHHLRA010 ALPS-SKHHLRA010 Datasheet
711Kb / 8P
   ALPS ELECTRIC EUROPA GMBH
logo
List of Unclassifed Man...
RS199 ETC2-RS199 Datasheet
187Kb / 1P
   EDSYN GMBH EUROPA
EVAL-BF5XX ETC1-EVAL-BF5XX Datasheet
1Mb / 35P
   Bluetechnix Mechatronische Systeme GmbH
logo
Amphenol Corporation
T3638-004 AMPHENOL-T3638-004 Datasheet
3Mb / 52P
   Amphenol-Tuchel Electronics GmbH
logo
List of Unclassifed Man...
EDEV-BF5XX ETC1-EDEV-BF5XX Datasheet
1,002Kb / 37P
   Bluetechnix Mechatronische Systeme GmbH
DEV-BF548 ETC1-DEV-BF548 Datasheet
1Mb / 36P
   Bluetechnix Mechatronische Systeme GmbH
logo
Amphenol Corporation
C01620C00310012 AMPHENOL-C01620C00310012 Datasheet
1Mb / 20P
   Amphenol-Tuchel Electronics gmbh
logo
ALPS ELECTRIC CO.,LTD.
SKHHLUA010 ALPS-SKHHLUA010 Datasheet
713Kb / 8P
   ALPS ELECTRIC EUROPA GMBH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com