Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

D2014UK Datasheet(PDF) 1 Page - Seme LAB

Part No. D2014UK
Description  GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 2.5W - 28V - 500MHz SINGLE ENDED
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEME-LAB [Seme LAB]
Homepage  http://www.semelab.co.uk
Logo 

D2014UK Datasheet(HTML) 1 Page - Seme LAB

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D2014UK
Document Number 2916
Issue 2
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
PD
Power Dissipation
BVDSS
Drain – Source Breakdown Voltage
BVGSS
Gate – Source Breakdown Voltage
ID(sat)
Drain Current
Tstg
Storage Temperature
Tj
Maximum Operating Junction Temperature
17.5W
65V
±20V
1A
–65 to 150°C
200°C
MECHANICAL DATA
GOLD METALLISED
MULTI-PURPOSE SILICON
DMOS RF FET
2.5W – 28V – 500MHz
SINGLE ENDED
FEATURES
• SIMPLIFIED AMPLIFIER DESIGN
• SUITABLE FOR BROAD BAND
APPLICATIONS
•LOW Crss
• SIMPLE BIAS CIRCUITS
• LOW NOISE
• HIGH GAIN – 13 dB MINIMUM
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
APPLICATIONS
• VHF/UHF COMMUNICATIONS
from DC to 1 GHz
METAL GATE RF SILICON FET
TetraFET
A
B
E
C
F
I
G
D
(4 PLS)
H
O
J
N
M
(2 PLS)
K
L
SOT 171
PIN 1
SOURCE
PIN 3
GATE
PIN 5
SOURCE
PIN 2
SOURCE
PIN 4
DRAIN
PIN 6
SOURCE
DIM
mm
Tol.
Inches
Tol.
A
10.92
0.25
0.430
0.001
B
5.84
0.08
0.230
0.003
C
2.54
0.08
0.100
0.003
D
3.30 dia
0.13
0.130 dia
0.05
E
9.14
0.08
0.360
0.003
F
3.05
0.08
0.120
0.003
G
2.01
0.08
0.079
0.003
H
1.04
0.08
0.041
0.003
I
18.42
0.08
0.725
0.003
J
24.77
0.08
0.975
0.003
K
2.74
0.08
0.108
0.003
L
9.14
0.13
0.360
0.005
M
4.19
0.08
0.165
0.003
N
0.13
0.05
0.005
0.002
O
7.11
MAX
0.280
MAX


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn