Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA7002R Datasheet(PDF) 11 Page - Sony Corporation

Part # CXA7002R
Description  I2C Bus Compatible Audio Video (AV) Switch & Electronic Volume Control
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA7002R Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXA7002R Datasheet HTML 7Page - Sony Corporation CXA7002R Datasheet HTML 8Page - Sony Corporation CXA7002R Datasheet HTML 9Page - Sony Corporation CXA7002R Datasheet HTML 10Page - Sony Corporation CXA7002R Datasheet HTML 11Page - Sony Corporation CXA7002R Datasheet HTML 12Page - Sony Corporation CXA7002R Datasheet HTML 13Page - Sony Corporation CXA7002R Datasheet HTML 14Page - Sony Corporation CXA7002R Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
– 11 –
CXA7002R
Item
Bandwidth (Vout1 to 6)
Bandwidth (Vout7)
Mixer on – No trap components
Input dynamic range
Output dynamic range
Cross talk
Fast blanking to RGB delay
Vout5 impedance when switched
to ground
S/N ratio
Non-linearity
Differential gain
Differential phase
Filter specification
Attenuation @27MHz
Symbol
fV3dB
fV3dB
VDRVI
VDRVO
Vctv
DelFB
ZVout5
S/NV
Lin
DG
DP
Attn
Conditions
0.3Vp-p input, frequency where
output level is –3dB with 200kHz
serving as 0dB.
Filter Bypassed. (Fig. 2)
0.3Vp-p input, frequency where
output level is –3dB with 200kHz
serving as 0dB. (Fig. 2)
200kHz input applied to any
video (Fig. 2)
200kHz input applied to any
video (Fig. 2)
f = 4.43MHz, 1Vp-p input (Fig. 2)
Falling edge delay from RGB to
fast blank signal. Measured at
20% level. (Fig. 2)
2V applied to Vout5 with series
75
Ω resistor. Measured voltage
at pin and calculate Zout. (Fig. 2)
Ratio of 0.7Vp-p white video
signal to "black line" noise.
Weighted using CCIR
567. HPF@5kHz, LPF@5MHz.
(Fig. 2)
V1 = Pin voltage + 0.5V,
V2 = Pin voltage + 1V
At output, non-linearity
=
–1
× 100 (Fig. 2)
1.7Vp-p 5-step modulated
staircase.
(Chroma & Burst are 150mVp-p,
4.43MHz) (Fig. 2)
As above. (Fig. 2)
Measured 27MHz signal relative
to signal at 1MHz. (Fig. 2)
Min.
15
8
1.4
2.8
–4
–3
–3
Typ.
30
30
–65
1
74
0
0
0
–47
Max.
50
4
3
3
–24
Unit
MHz
MHz
Vp-p
Vp-p
dB
ns
dB
%
%
deg
dB
V2
V1
× 2


Similar Part No. - CXA7002R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA7000R SONY-CXA7000R Datasheet
278Kb / 23P
   LCD Driver
More results

Similar Description - CXA7002R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2161R SONY-CXA2161R Datasheet
494Kb / 43P
   I2C Bus Compatible Audio Video (AV) Switch & Electronic Volume Control
CXA2078Q SONY-CXA2078Q Datasheet
568Kb / 35P
   I2C Bus-Compatible Audio/Video Switch with Electronic Volume
CXA1855Q SONY-CXA1855Q Datasheet
369Kb / 19P
   I2C BUS-COMPATIBLE AUDIO/VIDEO SWITCH
CXA1845Q SONY-CXA1845Q Datasheet
390Kb / 19P
   I2C BUS-COMPATIBLE AUDIO/VIDEO SWITCH
CXA1114P SONY-CXA1114P Datasheet
367Kb / 20P
   AUDIO VIDEO SWITCH COMPATIBLE WITH I2C BUS
logo
Renesas Technology Corp
M52790SP RENESAS-M52790SP Datasheet
188Kb / 14P
   AV Switch with I2C Bus Control
logo
Mitsubishi Electric Sem...
M52791SP MITSUBISHI-M52791SP Datasheet
121Kb / 10P
   AV SWITCH with I2C BUS CONTROL
M52795SP MITSUBISHI-M52795SP Datasheet
114Kb / 9P
   AV SWITCH with I2C BUS CONTROL
M52797SP MITSUBISHI-M52797SP Datasheet
104Kb / 9P
   AV SWITCH with I2C BUS CONTROL
logo
Renesas Technology Corp
M52791SP RENESAS-M52791SP Datasheet
175Kb / 14P
   AV Switch with I2C Bus Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com