Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25640AN-10SI-1.8 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT25640AN-10SI-1.8
Description  SPI Serial EEPROMs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25640AN-10SI-1.8 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT25640AN-10SI-1.8 Datasheet HTML 5Page - ATMEL Corporation AT25640AN-10SI-1.8 Datasheet HTML 6Page - ATMEL Corporation AT25640AN-10SI-1.8 Datasheet HTML 7Page - ATMEL Corporation AT25640AN-10SI-1.8 Datasheet HTML 8Page - ATMEL Corporation AT25640AN-10SI-1.8 Datasheet HTML 9Page - ATMEL Corporation AT25640AN-10SI-1.8 Datasheet HTML 10Page - ATMEL Corporation AT25640AN-10SI-1.8 Datasheet HTML 11Page - ATMEL Corporation AT25640AN-10SI-1.8 Datasheet HTML 12Page - ATMEL Corporation AT25640AN-10SI-1.8 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
AT25080A/160A/320A/640A
5082B–SEEPR–1/05
READ SEQUENCE (READ): Reading the AT25080A/160A/320A/640A via the serial
output (SO) pin requires the following sequence. After the CS line is pulled low to select
a device, the read op-code is transmitted via the SI line followed by the byte address to
be read (A15
−A0, see Table 10). Upon completion, any data on the SI line will be
ignored. The data (D7
−D0) at the specified address is then shifted out onto the SO line.
If only one byte is to be read, the CS line should be driven high after the data comes out.
The read sequence can be continued since the byte address is automatically incre-
mented and data will continue to be shifted out. When the highest address is reached,
the address counter will roll over to the lowest address, allowing the entire memory to be
read in one continuous read cycle.
WRITE SEQUENCE (WRITE): In order to program the AT25080A/160A/320A/640A,
two separate instructions must be executed. First, the device
must be write enabled via
the WREN instruction. Then a Write (WRITE) instruction may be executed. Also, the
address of the memory location(s) to be programmed must be outside the protected
address field location selected by the block write protection level. During an internal
write cycle, all commands will be ignored except the RDSR instruction.
A Write instruction requires the following sequence. After the CS line is pulled low to
select the device, the WRITE op-code is transmitted via the SI line followed by the byte
address (A15
−A0) and the data (D7–D0) to be programmed (See Table 10). Program-
ming will start after the CS pin is brought high. The low-to-high transition of the CS pin
must occur during the SCK low-time immediately after clocking in the D0 (LSB) data bit.
The READY/BUSY status of the device can be determined by initiating a read status
register (RDSR) instruction. If Bit 0 = “1”, the write cycle is still in progress. If Bit 0 = “0”,
the write cycle has ended. Only the RDSR instruction is enabled during the write pro-
gramming cycle.
The AT25080A/160A/320A/640A is capable of a 32-byte page write operation. After
each byte of data is received, the five low-order address bits are internally incremented
by one; the high-order bits of the address will remain constant. If more than 32 bytes of
data are transmitted, the address counter will roll over and the previously written data
will be overwritten. The AT25080A/160A/320A/640A is automatically returned to the
write disable state at the completion of a write cycle.
NOTE: If the device is not write enabled (WREN), the device will ignore the write instruc-
tion and will return to the standby state, when CS is brought high. A new CS falling edge
is required to reinitiate the serial communication.
Table 10. Address Key
Address
AT25080A
AT25160A
AT25320A
AT25640A
AN
A9–A0
A10–A0
A11–A0
A12–A0
Don’t
Care Bits
A
15–A10
A
15–A11
A
15–A12
A
15–A13


Similar Part No. - AT25640AN-10SI-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25640A ATMEL-AT25640A Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25640A ATMEL-AT25640A_14 Datasheet
457Kb / 19P
   Serial Peripheral Interface (SPI) Compatible
More results

Similar Description - AT25640AN-10SI-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256 Datasheet
178Kb / 15P
   SPI Serial EEPROMs
AT25128A ATMEL-AT25128A_05 Datasheet
437Kb / 21P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080_03 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128_05 Datasheet
432Kb / 22P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com