Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25640AN-10SI-1.8 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT25640AN-10SI-1.8
Description  SPI Serial EEPROMs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25640AN-10SI-1.8 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT25640AN-10SI-1.8 Datasheet HTML 3Page - ATMEL Corporation AT25640AN-10SI-1.8 Datasheet HTML 4Page - ATMEL Corporation AT25640AN-10SI-1.8 Datasheet HTML 5Page - ATMEL Corporation AT25640AN-10SI-1.8 Datasheet HTML 6Page - ATMEL Corporation AT25640AN-10SI-1.8 Datasheet HTML 7Page - ATMEL Corporation AT25640AN-10SI-1.8 Datasheet HTML 8Page - ATMEL Corporation AT25640AN-10SI-1.8 Datasheet HTML 9Page - ATMEL Corporation AT25640AN-10SI-1.8 Datasheet HTML 10Page - ATMEL Corporation AT25640AN-10SI-1.8 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
AT25080A/160A/320A/640A
5082B–SEEPR–1/05
Functional
Description
The AT25080A/160A/320A/640A is designed to interface directly with the synchronous
serial peripheral interface (SPI) of the 6805 and 68HC11 series of microcontrollers.
The AT25080A/160A/320A/640A utilizes an 8-bit instruction register. The list of instruc-
tions and their operation codes are contained in Table 5. All instructions, addresses, and
data are transferred with the MSB first and start with a high-to-low CS transition.
WRITE ENABLE (WREN): The device will power up in the write disable state when V
CC
is applied. All programming instructions must therefore be preceded by a Write Enable
instruction.
WRITE DISABLE (WRDI): To protect the device against inadvertent writes, the Write
Disable instruction disables all programming modes. The WRDI instruction is indepen-
dent of the status of the WP pin.
READ STATUS REGISTER (RDSR): The Read Status Register instruction provides
access to the status register. The READY/BUSY and Write Enable status of the device
can be determined by the RDSR instruction. Similarly, the block write protection bits
indicate the extent of protection employed. These bits are set by using the WRSR
instruction.
Table 5. Instruction Set for the AT25080A/160A/320A/640A
Instruction Name
Instruction Format
Operation
WREN
0000 X110
Set Write Enable Latch
WRDI
0000 X100
Reset Write Enable Latch
RDSR
0000 X101
Read Status Register
WRSR
0000 X001
Write Status Register
READ
0000 X011
Read Data from Memory Array
WRITE
0000 X010
Write Data to Memory Array
Table 6. Status Register Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WPEN
X
X
X
BP1
BP0
WEN
RDY
Table 7. Read Status Register Bit Definition
Bit
Definition
Bit 0 (RDY)
Bit 0 = “0” (RDY) indicates the device is ready. Bit 0 = “1” indicates the write
cycle is in progress.
Bit 1 (WEN)
Bit 1= “0” indicates the device is not write-enabled. Bit 1 = “1” indicates the
device is write-enabled.
Bit 2 (BP0)
See Table 8 on page 8.
Bit 3 (BP1)
See Table 8 on page 8.
Bits 4
− 6 are “0”s when device is not in an internal write cycle.
Bit 7 (WPEN)
See Table 9 on page 8.
Bits 0
− 7 are “1”s during an internal write cycle.


Similar Part No. - AT25640AN-10SI-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25640A ATMEL-AT25640A Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25640A ATMEL-AT25640A_14 Datasheet
457Kb / 19P
   Serial Peripheral Interface (SPI) Compatible
More results

Similar Description - AT25640AN-10SI-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256 Datasheet
178Kb / 15P
   SPI Serial EEPROMs
AT25128A ATMEL-AT25128A_05 Datasheet
437Kb / 21P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080_03 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128_05 Datasheet
432Kb / 22P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com