Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25160A-10TU-2.7 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT25160A-10TU-2.7
Description  SPI Serial EEPROMs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25160A-10TU-2.7 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT25160A-10TU-2.7 Datasheet HTML 1Page - ATMEL Corporation AT25160A-10TU-2.7 Datasheet HTML 2Page - ATMEL Corporation AT25160A-10TU-2.7 Datasheet HTML 3Page - ATMEL Corporation AT25160A-10TU-2.7 Datasheet HTML 4Page - ATMEL Corporation AT25160A-10TU-2.7 Datasheet HTML 5Page - ATMEL Corporation AT25160A-10TU-2.7 Datasheet HTML 6Page - ATMEL Corporation AT25160A-10TU-2.7 Datasheet HTML 7Page - ATMEL Corporation AT25160A-10TU-2.7 Datasheet HTML 8Page - ATMEL Corporation AT25160A-10TU-2.7 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
AT25080A/160A/320A/640A
5082B–SEEPR–1/05
Table 2. Pin Capacitance(1)
Note:
1. This parameter is characterized and is not 100% tested.
Table 3. DC Characteristics
Note:
1. Worst case measured at 125
°C
2. VIL min and VIH max are reference only and are not tested.
Applicable over recommended operating range from T
AE = 25°C, f = 1.0 MHz, VCC = +5.0V (unless otherwise noted)
Symbol
Test Conditions
Max
Units
Conditions
COUT
Output Capacitance (SO)
8
pF
VOUT = 0V
C
IN
Input Capacitance (CS, SCK, SI, WP, HOLD)6
pF
V
IN = 0V
Applicable over recommended operating range from: T
AE = −40°C to +125°C, VCC = +2.7V to +5.5V
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
V
CC1
Supply Voltage
2.7
5.5
V
I
CC1
Supply Current
V
CC = 5.0V at 5 MHz, SO = Open, Read
6.0
mA
ICC2
Supply Current
VCC = 5.0V at 1 MHz
3.0
mA
I
CC3
Supply Current
V
CC = 5.0V at 5 MHz, SO = Open,
Read, Write
7.0
mA
ISB1
Standby Current
VCC = 2.7V, CS = VCC
0.2
10.0
(1)
µA
I
SB2
Standby Current
V
CC = 5.0V, CS = VCC
2.0
13.0
(1)
µA
I
IL
Input Leakage
V
IN = 0V to VCC
−3.0
µA
IOL
Output Leakage
VIN = 0V to VCC
−3.0
3.0
µA
V
IL
(2)
Input Low-voltage
−0.6
V
CC x 0.3
V
V
IH
(2)
Input High-voltage
V
CC x 0.7
V
CC + 0.5
V
VOL1
Output Low-voltage
2.7V
≤ V
CC ≤ 5.5V
IOL = 3.0 mA
0.4
V
V
OH1
Output High-voltage
I
OH = −1.6 mA
V
CC − 0.8
V


Similar Part No. - AT25160A-10TU-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25160A-10TU-2.7 ATMEL-AT25160A-10TU-2.7 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
More results

Similar Description - AT25160A-10TU-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256 Datasheet
178Kb / 15P
   SPI Serial EEPROMs
AT25128A ATMEL-AT25128A_05 Datasheet
437Kb / 21P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080_03 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128_05 Datasheet
432Kb / 22P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com