Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A43E06161 Datasheet(PDF) 30 Page - AMIC Technology

Part # A43E06161
Description  512K X 16 Bit X 2 Banks Synchronous DRAM
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43E06161 Datasheet(HTML) 30 Page - AMIC Technology

Back Button A43E06161 Datasheet HTML 26Page - AMIC Technology A43E06161 Datasheet HTML 27Page - AMIC Technology A43E06161 Datasheet HTML 28Page - AMIC Technology A43E06161 Datasheet HTML 29Page - AMIC Technology A43E06161 Datasheet HTML 30Page - AMIC Technology A43E06161 Datasheet HTML 31Page - AMIC Technology A43E06161 Datasheet HTML 32Page - AMIC Technology A43E06161 Datasheet HTML 33Page - AMIC Technology A43E06161 Datasheet HTML 34Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
A43E06161
PRELIMINARY
(July, 2005, Version 0.1)
29
AMIC Technology, Corp.
Read & Write Cycle with Auto Precharge I @Burst Length=4
*Note : tRCD should be controlled to meet minimum tRAS before internal precharge start.
(In the case of Burst Length=1 & 2, BRSW mode)
High
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
CLOCK
CKE
CS
RAS
CAS
ADDR
BA
Row Active
(A-Bank)
Row Active
(B-Bank)
: Don't care
A10/AP
Auto Precharge
Start Point
(A-Bank)
WE
QAa2
QAa1
QAa0
QAa3
DBb0
Auto Precharge
Start Point
(B-Bank)
DQM
QAa3
QAa2
QAa0
QAa1
DBb0
DBb1
DBb2
DBb3
DQ
(CL=2)
DBb1
DBb2
DBb3
DQ
(CL=3)
Write with
Auto Precharge
(B-Bank)
Read with
Auto Precharge
(A-Bank)
RAa
RBb
CAa
CBb
RAa
RBb


Similar Part No. - A43E06161

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43E06161 AMICC-A43E06161 Datasheet
554Kb / 48P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43E06161 AMICC-A43E06161_15 Datasheet
554Kb / 48P
   512K X 16 Bit X 2 Banks Synchronous DRAM
More results

Similar Description - A43E06161

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V161610D HYNIX-HY57V161610D Datasheet
73Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
A-Data Technology
ADS4616A4A A-DATA-ADS4616A4A Datasheet
530Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
logo
AMIC Technology
A43L0616B AMICC-A43L0616B Datasheet
585Kb / 48P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L0616B AMICC-A43L0616B Datasheet
1Mb / 45P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L0616A AMICC-A43L0616A Datasheet
1,011Kb / 45P
   512K X 16 Bit X 2 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY67V161610D HYNIX-HY67V161610D Datasheet
75Kb / 11P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
A-Data Technology
VDS4616A4A A-DATA-VDS4616A4A Datasheet
542Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
logo
Hynix Semiconductor
HY57V161610ET-I HYNIX-HY57V161610ET-I Datasheet
482Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610D-I HYNIX-HY57V161610D-I Datasheet
574Kb / 11P
   2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610ETP-I HYNIX-HY57V161610ETP-I Datasheet
215Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com