Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B132-004-RB Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part No. B132-004-RB
Description  19" Rack Mount Bracket (holds up to three Cat5 extender/splitter local units)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B132-004-RB Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B132-004-RB Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B132-004-RB Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
19" Rack Mount Bracket (holds up to three Cat5
extender/splitter local units)
MODEL NUMBER: B132-004-RB
Description
Use the B132-004-RB 1U, 19" wide bracket to rackmount up to three of Tripp Lite's 4-Port Cat5
extender/splitter local units, including: B136-004, B126-004, and B140-004.
Features
Used for rackmounting up to three of Tripp Lite's 4-Port Cat5 extender/splitter local units
q
1U height x 19" Wide
q
Highlights
Used for rackmounting up to
three Tripp Lite Cat5
extender/splitter local units
q
1U height x 19" Wide
q
Package Includes
1 - 19"W, 1U, 3-space, Rackmount
panel
OVERVIEW
UPC Code
037332148735
PHYSICAL
Color
Black
Material of Construction
14ga Steel
Shipping Dimensions (hwd / cm)
7.62 x 9.91 x 55.37
Shipping Dimensions (hwd / in.)
3.00 x 3.90 x 21.80
Shipping Weight (kg)
0.50
Shipping Weight (lbs.)
1.10
Unit Dimensions (hwd / cm)
4.45 x 48.26 x 3.18
Unit Dimensions (hwd / in.)
1.75 x 19 x 1.25
1 / 2


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn