Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A23L8316R Datasheet(PDF) 11 Page - AMIC Technology

Part # A23L8316R
Description  256K X 16 / 512K X 8 BIT CMOS MASK ROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A23L8316R Datasheet(HTML) 11 Page - AMIC Technology

Back Button A23L8316R Datasheet HTML 4Page - AMIC Technology A23L8316R Datasheet HTML 5Page - AMIC Technology A23L8316R Datasheet HTML 6Page - AMIC Technology A23L8316R Datasheet HTML 7Page - AMIC Technology A23L8316R Datasheet HTML 8Page - AMIC Technology A23L8316R Datasheet HTML 9Page - AMIC Technology A23L8316R Datasheet HTML 10Page - AMIC Technology A23L8316R Datasheet HTML 11Page - AMIC Technology A23L8316R Datasheet HTML 12Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
A23L8316/A23L83161 Series
PRELIMINARY
(July, 2004, Version 0.0)
10
AMIC Technology, Corp.
Package Information
SOP 40L Outline Dimensions
unit: inches/mm
1
L
L1
20
See Detail F
Detail F
21
40
S
D
Seating Plane
y
e
b
θ
0.010"
Gauge Plane
Dimensions in inches
Dimensions in mm
Symbol
Min
Nom
Max
Min
Nom
Max
A
-
-
0.118
-
-
3.00
A1
0.004
-
-
0.10
-
-
A2
0.101
0.106
0.111
2.57
2.69
2.82
b
0.014
0.016
0.020
0.36
0.41
0.51
C
0.006
0.008
0.012
0.15
0.20
0.31
D
1.021
1.026
1.031
25.93
26.06
26.19
E
0.440
0.445
0.450
11.18
11.30
11.43
e
-
0.050
-
-
1.27
-
HE
0.546
0.556
0.566
13.87
14.12
14.38
L
0.024
0.032
0.040
0.61
0.80
1.02
L1
0.047
0.055
0.063
1.19
1.40
1.60
S
-
0.038
0.046
-
0.97
1.17
y
-
-
0.004
-
-
0.10
θ
0
°
-
8
°
0
°
-
8
°
Notes:
1. The maximum value of dimension D includes end flash.
2. Dimension E does not include resin fins.
3. Dimension S includes end flash.


Similar Part No. - A23L8316R

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L0616 AMICC-A23L0616 Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L06161 AMICC-A23L06161 Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L06161V AMICC-A23L06161V Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L06162 AMICC-A23L06162 Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L06162-70 AMICC-A23L06162-70 Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
More results

Similar Description - A23L8316R

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
   4M-BIT [512K x 8/256K x 16] MASK ROM
logo
AMIC Technology
A23L9316 AMICC-A23L9316 Datasheet
260Kb / 11P
   512K X 16 / 1M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23C2100 MCNIX-MX23C2100 Datasheet
52Kb / 7P
   2M-BIT 256K x 8/128K x 16 CMOS MASK ROM
logo
List of Unclassifed Man...
MX23C4096 ETC-MX23C4096 Datasheet
53Kb / 6P
   4M-BIT [256K x 16] CMOS MASK ROM
logo
King blillion Electroni...
SF23C4000 KB-SF23C4000 Datasheet
208Kb / 6P
   512K x 8 bit CMOS Mask Programmable ROM
HF88M02 KB-HF88M02 Datasheet
310Kb / 19P
   256K x 8 bit Mask ROM
HF88M08 KB-HF88M08 Datasheet
308Kb / 19P
   512K x 8 bit Mask ROM
HF88M04 KB-HF88M04 Datasheet
309Kb / 19P
   512K x 8 bit Mask ROM
logo
AMIC Technology
A23L0616 AMICC-A23L0616_15 Datasheet
172Kb / 10P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L2616 AMICC-A23L2616_15 Datasheet
160Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com