Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A23L8316M Datasheet(PDF) 3 Page - AMIC Technology

Part # A23L8316M
Description  256K X 16 / 512K X 8 BIT CMOS MASK ROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A23L8316M Datasheet(HTML) 3 Page - AMIC Technology

  A23L8316M Datasheet HTML 1Page - AMIC Technology A23L8316M Datasheet HTML 2Page - AMIC Technology A23L8316M Datasheet HTML 3Page - AMIC Technology A23L8316M Datasheet HTML 4Page - AMIC Technology A23L8316M Datasheet HTML 5Page - AMIC Technology A23L8316M Datasheet HTML 6Page - AMIC Technology A23L8316M Datasheet HTML 7Page - AMIC Technology A23L8316M Datasheet HTML 8Page - AMIC Technology A23L8316M Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
A23L8316/A23L83161 Series
PRELIMINARY
(July, 2004, Version 0.0)
2
AMIC Technology, Corp.
Pin Configurations (continued)
TSOP (reverse type)
A23L8316R
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
GND
O15/A-1
O7
O14
O6
O13
O5
O4
VCC
VCC
NC
O11
O3
O10
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A7
A17
NC
NC
GND
NC
A8
A9
A10
A11
A12
A13
A14
A15
A16
BYTE
GND
O12
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A6
A5
A4
A3
A2
A1
A0
CE
O2
O9
O1
O8
O0
OE
GND
GND
TSOP (forward type)
A23L83161V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A14
A13
A12
A11
A10
A9
A8
NC
NC
NC
NC
NC
NC
NC
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
O2
O10
O3
O11
VCC
O4
O12
O5
O13
O6
O14
O7
O15/A-1
GND
BYTE
A16
A15
NC
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
O9
O1
O8
O0
OE
GND
CE
A0
A17
A7
A6
A5
A4
A3
A2
A1


Similar Part No. - A23L8316M

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L0616 AMICC-A23L0616 Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L06161 AMICC-A23L06161 Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L06161V AMICC-A23L06161V Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L06162 AMICC-A23L06162 Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L06162-70 AMICC-A23L06162-70 Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
More results

Similar Description - A23L8316M

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
   4M-BIT [512K x 8/256K x 16] MASK ROM
logo
AMIC Technology
A23L9316 AMICC-A23L9316 Datasheet
260Kb / 11P
   512K X 16 / 1M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23C2100 MCNIX-MX23C2100 Datasheet
52Kb / 7P
   2M-BIT 256K x 8/128K x 16 CMOS MASK ROM
logo
List of Unclassifed Man...
MX23C4096 ETC-MX23C4096 Datasheet
53Kb / 6P
   4M-BIT [256K x 16] CMOS MASK ROM
logo
King blillion Electroni...
SF23C4000 KB-SF23C4000 Datasheet
208Kb / 6P
   512K x 8 bit CMOS Mask Programmable ROM
HF88M02 KB-HF88M02 Datasheet
310Kb / 19P
   256K x 8 bit Mask ROM
HF88M08 KB-HF88M08 Datasheet
308Kb / 19P
   512K x 8 bit Mask ROM
HF88M04 KB-HF88M04 Datasheet
309Kb / 19P
   512K x 8 bit Mask ROM
logo
AMIC Technology
A23L0616 AMICC-A23L0616_15 Datasheet
172Kb / 10P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L2616 AMICC-A23L2616_15 Datasheet
160Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com