Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A23L0616R Datasheet(PDF) 8 Page - AMIC Technology

Part # A23L0616R
Description  1M X 16 / 2M X 8 BIT CMOS MASK ROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A23L0616R Datasheet(HTML) 8 Page - AMIC Technology

Back Button A23L0616R Datasheet HTML 3Page - AMIC Technology A23L0616R Datasheet HTML 4Page - AMIC Technology A23L0616R Datasheet HTML 5Page - AMIC Technology A23L0616R Datasheet HTML 6Page - AMIC Technology A23L0616R Datasheet HTML 7Page - AMIC Technology A23L0616R Datasheet HTML 8Page - AMIC Technology A23L0616R Datasheet HTML 9Page - AMIC Technology A23L0616R Datasheet HTML 10Page - AMIC Technology A23L0616R Datasheet HTML 11Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
A23L0616/A23L06161/A23L06162 Series
PRELIMINARY
(June, 2005, Version 0.2)
7
AMIC Technology, Corp.
Timing Waveforms
Propagation Delay from Address (
CE = Active, OE = Active)
tAA
VALID
VALID
tCYC
tOH
ADDRESS
INPUTS
DATA OUT
Propagation Delay from Chip Enable or Output Enable (Address Valid)
tACE
tHZ
VALID
tLZ
DATA OUT
tAOE
CHIP
ENABLE
OUTPUT
ENABLE
VALID
VALID
AC Test Conditions
Part No.
A23L0616/A23L06161/A23L06162-70
Applied Voltage
2.7V~3.6V
Input Pulse Levels
0.4V to 2.4V
Input Rise and Fall Time
10 ns
Timing Measurement Reference Level
VIN = 1.4V, VOUT = 1.4V
Output Load
1 TTL gate and CL = 100pF


Similar Part No. - A23L0616R

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L0616 AMICC-A23L0616_15 Datasheet
172Kb / 10P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
More results

Similar Description - A23L0616R

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L0616 AMICC-A23L0616_15 Datasheet
172Kb / 10P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L9316 AMICC-A23L9316 Datasheet
260Kb / 11P
   512K X 16 / 1M X 8 BIT CMOS MASK ROM
A23L1616 AMICC-A23L1616 Datasheet
124Kb / 11P
   2M X 16 / 4M X 8 BIT CMOS MASK ROM
A23L1616 AMICC-A23L1616_15 Datasheet
160Kb / 11P
   2M X 16 / 4M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23C2100 MCNIX-MX23C2100 Datasheet
52Kb / 7P
   2M-BIT 256K x 8/128K x 16 CMOS MASK ROM
MX23C1024 MCNIX-MX23C1024 Datasheet
106Kb / 7P
   1M-BIT [64K x 16] CMOS MASK ROM
MX23C8000 MCNIX-MX23C8000 Datasheet
637Kb / 11P
   8M-BIT [1M x 8] CMOS MASK ROM
MX23L1610 MCNIX-MX23L1610 Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX27C1610 MCNIX-MX27C1610 Datasheet
321Kb / 19P
   16M-BIT [2M x 8/1M x 16] CMOS OTP ROM
MX23C1610 MCNIX-MX23C1610 Datasheet
768Kb / 11P
   5 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com