Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A23L0616R Datasheet(PDF) 7 Page - AMIC Technology

Part # A23L0616R
Description  1M X 16 / 2M X 8 BIT CMOS MASK ROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A23L0616R Datasheet(HTML) 7 Page - AMIC Technology

Back Button A23L0616R Datasheet HTML 3Page - AMIC Technology A23L0616R Datasheet HTML 4Page - AMIC Technology A23L0616R Datasheet HTML 5Page - AMIC Technology A23L0616R Datasheet HTML 6Page - AMIC Technology A23L0616R Datasheet HTML 7Page - AMIC Technology A23L0616R Datasheet HTML 8Page - AMIC Technology A23L0616R Datasheet HTML 9Page - AMIC Technology A23L0616R Datasheet HTML 10Page - AMIC Technology A23L0616R Datasheet HTML 11Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
A23L0616/A23L06161/A23L06162 Series
PRELIMINARY
(June, 2005, Version 0.2)
6
AMIC Technology, Corp.
Capacitance
Symbol
Parameter
Min.
Max.
Unit
Test Conditions
Note
CI
Input Capacitance
10
pF
TA = 25
°C
3
CO
Output Capacitance
10
pF
f = 1.0MHz
AC Characteristics
(TA = 0
°C to +70°C, VCC = 2.7V~3.6V for -70, GND = 0V)
Symbol
Parameter
A23L0616/A23L06161/
A23L06162-70
Unit
Note
Min.
Max.
tCYC
Cycle Time
70
ns
tAA
Address Access Time
70
ns
tACE
Chip Enable Access Time
75
ns
tAOE
Output Enable Access Time
30
ns
tOH
Output Hold after Address Change
10
ns
tLZ
Output Low Z Delay
10
ns
4, 6
tHZ
Output High Z Delay*
20
ns
5, 6
* tHZ is specified from either OE or CE going disabled, whichever occurs first.
Notes:
1. OE / CE = VIH (Output is unloaded)
2. VIN = VIH/VIL, OE / CE = VIL (Output is unloaded)
3. This parameter is periodically sampled and is not 100% tested. All pins, except pins under test, are tied to AC ground.
4. Output LOW impedance delay (tLZ) is measured from CE or OE going active.
5. Output HIGH impedance delay (tHZ) is measured from CE or OE going inactive.
6. This parameter is sampled and not 100% tested.


Similar Part No. - A23L0616R

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L0616 AMICC-A23L0616_15 Datasheet
172Kb / 10P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
More results

Similar Description - A23L0616R

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L0616 AMICC-A23L0616_15 Datasheet
172Kb / 10P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L9316 AMICC-A23L9316 Datasheet
260Kb / 11P
   512K X 16 / 1M X 8 BIT CMOS MASK ROM
A23L1616 AMICC-A23L1616 Datasheet
124Kb / 11P
   2M X 16 / 4M X 8 BIT CMOS MASK ROM
A23L1616 AMICC-A23L1616_15 Datasheet
160Kb / 11P
   2M X 16 / 4M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23C2100 MCNIX-MX23C2100 Datasheet
52Kb / 7P
   2M-BIT 256K x 8/128K x 16 CMOS MASK ROM
MX23C1024 MCNIX-MX23C1024 Datasheet
106Kb / 7P
   1M-BIT [64K x 16] CMOS MASK ROM
MX23C8000 MCNIX-MX23C8000 Datasheet
637Kb / 11P
   8M-BIT [1M x 8] CMOS MASK ROM
MX23L1610 MCNIX-MX23L1610 Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX27C1610 MCNIX-MX27C1610 Datasheet
321Kb / 19P
   16M-BIT [2M x 8/1M x 16] CMOS OTP ROM
MX23C1610 MCNIX-MX23C1610 Datasheet
768Kb / 11P
   5 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com