Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM-205BSA Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ICM-205BSA
Description  VGA/QVGA CMOS image sensor with digital YUV output
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ICM-205BSA Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ICM-205BSA Datasheet HTML 2Page - List of Unclassifed Manufacturers ICM-205BSA Datasheet HTML 3Page - List of Unclassifed Manufacturers ICM-205BSA Datasheet HTML 4Page - List of Unclassifed Manufacturers ICM-205BSA Datasheet HTML 5Page - List of Unclassifed Manufacturers ICM-205BSA Datasheet HTML 6Page - List of Unclassifed Manufacturers ICM-205BSA Datasheet HTML 7Page - List of Unclassifed Manufacturers ICM-205BSA Datasheet HTML 8Page - List of Unclassifed Manufacturers ICM-205BSA Datasheet HTML 9Page - List of Unclassifed Manufacturers ICM-205BSA Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
ICM205B: VGA CMOS sensor with digital YUV output
Data Sheet V1.3, Oct. 2002
©2000, 2001, 2002 IC Media Corporation & IC Media Technology Corp.
10/16/2002
web site: http://www.ic-media.com/
web site: http://www.ic-media.com.tw/
page 6
6
Pin #
Name
Class*
Function Descriptions
13
Xin
A, I
Crystal in
14
Xout
A, O
Crystal out
2
PCLK
D, O
Pixel clock output
21
TEST
D, I, N
Test Mode Input Pin
22
SYNCMODE
D, I, N
Sync. Mode.
0: External Sync,
1: Internal Sync
23
PWRDOWN
D, I,U
Power Down Mode.
0:Enable
1:Disable
25
Enable
D, I, U
Data Output .
0:Disble
1:Enable
24
I2CA
D, I, N
LSB of serial bus address.
0: Device ID address 0x20
1: Device ID address 0x21
20
MSSEL
D, I, U
Serial bus master/slave selection.
0: Slave
1: Master
26
SCLOCK
D, I/O
Serial bus clock
27
SDATA
D, I/O
Serial bus data
16
GNDS
P
Substrate GND
18
RSET
A, I
Resistor to ground
51 K
Ω @ Clock = 24Mhz
10
RSTN
D, I, U
Chip reset, active low
45, 46, 47,
48, 1, 3, 4,
9
DOUT[7:0]
(msb:lsb)
D, O
Sensor Data output[7:0]
28, 30, 34,
35, 36, 37,
38, 39
DOUT[15:8]
(msb:lsb)
D, I/O
1) Input: Test Data Input
2) Sensor Data output[15:8]
41
HSYNC
D, I/O
Horizontal sync signal
42
VSYNC
D, I/O
Vertical sync signal
40
BLANK
D, O
Video blank signal
15
RAMP
A, O
Analog ramp output
11, 33
VDDA
P
Analog power
12, 32
GNDA
P
Analog ground
6, 19, 43
VDDD,
VDDK
P
Digital power
5, 17, 44
GNDD
GNDK
P
Digital ground
7, 31
VDDO
P
Pad power
8, 29
GNDO
P
Pad ground
Class Code:
A – Analog signal, D – Digital signal, I – Input, O – Output, P – Power or ground,
U – Internal pull-up, N – Internal pull-down


Similar Part No. - ICM-205BSA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICM-202BSA ETC1-ICM-202BSA Datasheet
454Kb / 36P
   CIF/QCIF CMOS image sensor with digital YUV output
ICM-202BTA ETC1-ICM-202BTA Datasheet
454Kb / 36P
   CIF/QCIF CMOS image sensor with digital YUV output
logo
TDK Electronics
ICM-20600 TDK-ICM-20600 Datasheet
1Mb / 57P
   High Performance 6-Axis MEMS MotionTracking Device
ICM-20601 TDK-ICM-20601 Datasheet
1Mb / 51P
   Wide-Range 6-Axis MotionTracking Device
ICM-20602 TDK-ICM-20602 Datasheet
1Mb / 57P
   High Performance 6-Axis MEMS MotionTracking Device
More results

Similar Description - ICM-205BSA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICM202B ETC1-ICM202B Datasheet
454Kb / 36P
   CIF/QCIF CMOS image sensor with digital YUV output
logo
Pixart Imaging Inc.
PAS6180 PIXART-PAS6180 Datasheet
782Kb / 17P
   CMOS QVGA DIGITAL IMAGE SENSOR
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
PAC407BCA PIXART-PAC407BCA Datasheet
494Kb / 24P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS6371 PIXART-PAS6371 Datasheet
414Kb / 20P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS6337 PIXART-PAS6337 Datasheet
557Kb / 18P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS302BCW-22S PIXART-PAS302BCW-22S Datasheet
241Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS6329 PIXART-PAS6329 Datasheet
667Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
logo
ON Semiconductor
MT9V024 ONSEMI-MT9V024 Datasheet
1Mb / 62P
   Wide-VGA CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9V022 ONSEMI-MT9V022 Datasheet
1Mb / 58P
   Wide-VGA CMOS Digital Image Sensor
Rev. L 6/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com