Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICM205B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. ICM205B
Description  VGA/QVGA CMOS image sensor with digital YUV output
Download  41 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC1 - List of Unclassifed Manufacturers

ICM205B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ICM205B Datasheet HTML 1Page - List of Unclassifed Manufacturers ICM205B Datasheet HTML 2Page - List of Unclassifed Manufacturers ICM205B Datasheet HTML 3Page - List of Unclassifed Manufacturers ICM205B Datasheet HTML 4Page - List of Unclassifed Manufacturers ICM205B Datasheet HTML 5Page - List of Unclassifed Manufacturers ICM205B Datasheet HTML 6Page - List of Unclassifed Manufacturers ICM205B Datasheet HTML 7Page - List of Unclassifed Manufacturers ICM205B Datasheet HTML 8Page - List of Unclassifed Manufacturers ICM205B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
ICM205B: VGA CMOS sensor with digital YUV output
Data Sheet V1.3, Oct. 2002
©2000, 2001, 2002 IC Media Corporation & IC Media Technology Corp.
10/16/2002
web site: http://www.ic-media.com/
web site: http://www.ic-media.com.tw/
page 3
3
General Description
This is a single-chip digital color imaging device. It incorporates a 640 x 480 sensor array operating at
max. 30 frames per second in progressive manner. Each pixel is covered by a color filter, which formed a
so-called Bayer pattern. Correlated double sampling is performed by the internal ADC and timing
circuitry.
Depending on the brightness of the scene, the raw data can be adjusted by the digital gain for all pixels, or
be adjusted separately for the 4 Bayer pattern pixels. This is done either by the built-in automatic
exposure control circuit, or can be done manually by the external CPU via serial bus control.
The data are then processed by the color interpolation module so that each pixel will get a complete set of
RGB values. To correct or enhance color, automatic white balance circuit is built-in. The user may
perform white balancing and color correction manually by external CPU via serial bus too. Color
saturation control is programmable via serial bus, if user is not satisfied with the default settings
At the final stage, the gamma correction can also be performed, in addition to default value. The output
formats include 8/16-bit YCbCr, 24-bit, 16-bit RGB, and 8-bit raw data which can be fed to other DSP,
color processing, or compression chips.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn