Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICM205B Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part No. ICM205B
Description  VGA/QVGA CMOS image sensor with digital YUV output
Download  41 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

ICM205B Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
ICM205B: VGA CMOS sensor with digital YUV output
Data Sheet V1.3, Oct. 2002
©2000, 2001, 2002 IC Media Corporation & IC Media Technology Corp.
10/16/2002
web site: http://www.ic-media.com/
web site: http://www.ic-media.com.tw/
page 20
20
Electrical Characteristics
DC Characteristics
Rating
Symbol
Parameter
Minimum
Typical
Maximum
Unit
VCCA
Absolute
Power
Supply
-0.3
3.8
V
VINA
Absolute
Input Voltage
-0.3
VCC + 0.3
V
VOUTA
Absolute
Output
Voltage
-0.3
VCC + 0.3
V
TSTG
Storage
Temperature
0
25
65
°C
VCC
Operating
Power
Supply
3.15
3.3
3.45
V
VIN
Operating
Input Voltage
0
VCC
V
TOPR
Operating
Temperature
0
25
55
°C
IDD
Operating
Current @
VCC=2.8 V,
25
°C @6MHz
11
mA
IIL
Input Low
Current
-1
1
µA
IIH
Input High
Current
-1
1
µA
IOZ
Tri-state
Leakage
Current
-10
10
µA
CIN
Input
Capacitance
3
pF
COUT
Output
Capacitance
3
PF
CBID
Bi-directiona
l Buffer
Capacitance
3
pF
VIL
Input Low
0.3 * VCC
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn