Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICM205B Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part No. ICM205B
Description  VGA/QVGA CMOS image sensor with digital YUV output
Download  41 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

ICM205B Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
ICM205B: VGA CMOS sensor with digital YUV output
Data Sheet V1.3, Oct. 2002
©2000, 2001, 2002 IC Media Corporation & IC Media Technology Corp.
10/16/2002
web site: http://www.ic-media.com/
web site: http://www.ic-media.com.tw/
page 17
17
0x3B
AD_AEHIGH
0x65
(101)
[7:0] AE High Limit
0x3C
AD_AELOW
0x55
(85)
[7:0] AE Low Limit
0x3D
0x3E
AD_BRIGHTLIMITL
AD_BRIGHTLIMITH
0x0fff
(4096)
[15:0] Bright pixel number limit
0x3F
0x40
AD_MAXFHL
AD_MAXFHH
0x1450
(5200)
[15:0] Max. frame height, in term of row
0x41
0x42
AD_MINFHL
AD_MINFHH
0x0208
(520)
[15:0] Min. frame height, in term of row
0x43
AD_AESTEP
0x00
[6:0] AE adjust exposure time step
0x44
AD_AFSTEP
0x82
(130)
[7:0] Anti -Flicker Exposure time adjust step
0x45
AD_YBRIGHT
0xc0
(192)
Reserved
0x47
AD_RGAIN_LIMIT
0xff
[7:0] Reserved
0x48
AD_GGAIN_LIMIT
0xff
[7:0] Reserved
0x49
AD_BGAIN_LIMIT
0xff
[7:0] Reserved
0x4A
AD_AE_PERIOD
0x05
[5:0] Reserved
0x4C
AD_AWB_PERIOD
0x00
[5:0] Reserved
0x51
AD_OUTMODE
0x00
[1:0] Output Mode Select (*1)
0 : VGA
1 : QVGA
2 : QQVGA
[2] Adjust pclk under QVGA and QQVGA
[3] YCbCr clamp *1
0: Clamp 16-235
1: Full range 0-255
[7:4] Sub-sample counter reset value
0x52
AD_OUTSEL
0x6d
[7] Auto Blank Signal Enable
0: Auto Blank
1: Manual Blank
[6] change CbCr sequence
[5] change Y sequence
[4:0] Normal Output format,
0-7: 8-bit RAW data (After Dark
Compensation)
8: control signals, 9bit
9: row address, 9bit
10: column address, 10bit
11: 9-bit sensor RAW data
13: 8-bit 4-2-2 YcrCb (default)
15: 16-bit 4-2-2 YCrYCb
16: 24-bit RGB GRGB
17: 16-bit RGB (5,6,5)
31: 8-bit YCbCr debug mode, no gamma,
saturation, contrast, brightness, hue
0x53
AD_RAMPSEL
0x00
[7] Reserved
0x54
0x55
AD_DSRSTL
AD_DSRSTH
0x00
[8:0] Reserved
0x56
AD_DSDATAL
0x01f9
[8:0] Reserved


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn