Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM205B Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # ICM205B
Description  VGA/QVGA CMOS image sensor with digital YUV output
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ICM205B Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button ICM205B Datasheet HTML 12Page - List of Unclassifed Manufacturers ICM205B Datasheet HTML 13Page - List of Unclassifed Manufacturers ICM205B Datasheet HTML 14Page - List of Unclassifed Manufacturers ICM205B Datasheet HTML 15Page - List of Unclassifed Manufacturers ICM205B Datasheet HTML 16Page - List of Unclassifed Manufacturers ICM205B Datasheet HTML 17Page - List of Unclassifed Manufacturers ICM205B Datasheet HTML 18Page - List of Unclassifed Manufacturers ICM205B Datasheet HTML 19Page - List of Unclassifed Manufacturers ICM205B Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
ICM205B: VGA CMOS sensor with digital YUV output
Data Sheet V1.3, Oct. 2002
©2000, 2001, 2002 IC Media Corporation & IC Media Technology Corp.
10/16/2002
web site: http://www.ic-media.com/
web site: http://www.ic-media.com.tw/
page 16
16
[6:0] Offset value
0x2C
AD_GAMMA
0x01
[2:0] Gamma Control
0 : Gamma = 1
1 : Gamma = 1.3(default)
2 : Gamma = 1.5
3 : Gamma = 1.7
4 : Gamma = 1.9
5 : Gamma = 2.2
6 : Gamma = 2.5
0x2D
AD_SATURATION
0x30
[6:0] Saturation factor, 2.5 Format
(U,V) = (U,V)*Saturation
0x2E
AD_DSP_TEST
0xFF
Reserved
0x2F
AD_DSP_CTRL
0x00
Reserved
0x30
AD_SHARP_CTRL
0x09
[3] 1: Sharpening
0: Disable
1: Enable
[2:0] : High tone weight
0: 0.5
1: 1 (default)
2: 2
3: 3
4: 4
5: 5
6: 6
7: 7
0x31
AD_SHARP_HIGH
0x0a
Reserved
0x32
AD_SHARP_LOW
0x05
Reserved
0x33
AD_AWB_CTRL
0x03
[0] Auto White Balance (AWB)
0: Disable AWB
1: Enable AWB
[1] Reserved
[2] Reserved
0x34
AD_AWB_OVERFLOW
0xff
Reserved
0x35
AD_AWB_BRIGHT
0x00
Reserved
0x36
AD_DG_GAIN
0x18
[7:0] Color DSP Digital Gain, (4.4 format)
0x37
AD_WB_RED
0x80
[7:0] AWB R Gain, (1.7 format) (*1)
0x38
AD_WB_GREEN
0x80
[7:0] AWB G Gain, (1.7 format) (*1)
0x39
AD_WB_BLUE
0x80
[7:0] AWB B Gain, (1.7 format) (*1)
0x3A
AD_AE_CTRL
0x07
[0] Auto Exposure
0: Disable AE
1: Enable AE
[1] Digital Gain
0: Disable
1: Enable
[2] Anti-Flicker
0: Disable
1: Enable
[3] Fix frame height
0: Disable
1: Enable
[4] Reserved


Similar Part No. - ICM205B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICM200E ETC1-ICM200E Datasheet
679Kb / 32P
   Megapixel (UXGA) Digital Color CMOS Image Sensor
ICM202B ETC1-ICM202B Datasheet
454Kb / 36P
   CIF/QCIF CMOS image sensor with digital YUV output
More results

Similar Description - ICM205B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICM202B ETC1-ICM202B Datasheet
454Kb / 36P
   CIF/QCIF CMOS image sensor with digital YUV output
logo
Pixart Imaging Inc.
PAS6180 PIXART-PAS6180 Datasheet
782Kb / 17P
   CMOS QVGA DIGITAL IMAGE SENSOR
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
PAC407BCA PIXART-PAC407BCA Datasheet
494Kb / 24P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS6371 PIXART-PAS6371 Datasheet
414Kb / 20P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS6337 PIXART-PAS6337 Datasheet
557Kb / 18P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS302BCW-22S PIXART-PAS302BCW-22S Datasheet
241Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS6329 PIXART-PAS6329 Datasheet
667Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
logo
ON Semiconductor
MT9V024 ONSEMI-MT9V024 Datasheet
1Mb / 62P
   Wide-VGA CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9V022 ONSEMI-MT9V022 Datasheet
1Mb / 58P
   Wide-VGA CMOS Digital Image Sensor
Rev. L 6/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com