Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICM205B Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part No. ICM205B
Description  VGA/QVGA CMOS image sensor with digital YUV output
Download  41 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

ICM205B Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
ICM205B: VGA CMOS sensor with digital YUV output
Data Sheet V1.3, Oct. 2002
©2000, 2001, 2002 IC Media Corporation & IC Media Technology Corp.
10/16/2002
web site: http://www.ic-media.com/
web site: http://www.ic-media.com.tw/
page 15
15
0x0C
0x0D
AD_WIDTHL
AD_WIDTHH
0x0302
(770)
[9:0] Frame width (*1)
0x0E
0x0F
AD_HEIGHTL
AD_HEIGHTH
0x0208
(520)
[15:0] Frame height, should not be less than
AD_ROW_BEGIN + 298 (*1)
0x10
0x11
AD_COL_BEGINL
AD_COL_BEGINH
0x0064
(100)
[9:0] Beginning of active line in terms of
column position (*1)
[10] Left-right Mirror image (*1)
0: Disable
1: Enable
[11] Up-Down Mirror image (*1)
0: Disable
1: Enable
[15:13] Raw Data Digital gain
0: 1
1: 2
2: 4
3: 8
4: 16
5: 32
6: 64
0x14
0x15
AD_ROW_BEGINL
AD_ROW_BEGINH
0x000A
(10)
[15:0] Beginning of active frame in terms of
row position (*1)
0x18
0x19
AD_HSYNC_ENDL
AD_HSYNC_ENDH
0x0040
(64)
[9:0] End of horizontal sync in terms of
column position (*1)
0x1A
0x1B
AD_VSYNC_ENDL
AD_VSYNC_ENDH
0x0003
(3)
[15:0] End of vertical sync in terms of row
position (*1)
0x1C
0x1D
AD_EXPOSE_TIMEL
AD_EXPOSE_TIMEH
0x0207
(519)
[15:0] Exposure time in terms of number of
rows (*2)
0x20
0x21
AD_M1_L
AD_M1_H
0x0100
[10:0] Gain coefficient. (G1),
unsigned 3.8 format (*1)
0x22
0x23
AD_M2_L
AD_M2_H
0x0100
[10:0] Gain coefficient. (R),
unsigned 3.8 format (*1)
0x24
0x25
AD_M3_L
AD_M3_H
0x0167
[10:0] Gain coefficient. (B),
unsigned 3.8 format (*1)
0x26
0x27
AD_M4_L
AD_M4_H
0x0100
[10:0] Gain coefficient. (G2),
unsigned 3.8 format (*1)
0x28
AD_CONTRAST
0X20
[5:0] Y contrast , unsigned 1.5 format
0x29
AD_HUE_SIN
0X00
[7:0] Hue SIN value (0.7 format) (*1)
[7] Sign bit
0: Positive
1: Negative
0x2A
AD_HUE_COS
0X7F
[7:0] Hue COS value (0.7 format) (*1)
[7] Sign bit
0: Positive
1: Negative
0X2B
AD_BRIGHT_OFFSET
0X00
[7:0] Brightness offset value
[7] Sign bit
0: Positive
1: Negative


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn