Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICM205B Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part No. ICM205B
Description  VGA/QVGA CMOS image sensor with digital YUV output
Download  41 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

ICM205B Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
ICM205B: VGA CMOS sensor with digital YUV output
Data Sheet V1.3, Oct. 2002
©2000, 2001, 2002 IC Media Corporation & IC Media Technology Corp.
10/16/2002
web site: http://www.ic-media.com/
web site: http://www.ic-media.com.tw/
page 12
12
The formula for YCbCr format is as follows (note that
235
16
≤ Y
, and
240
,
16
r
b C
C
):
The following table lists the user modes and the corresponding signals appeared on the pins.
Format
DOUT[15:8]
DOUT[7:0]
PCLK/VGA PCLK/QVGA
PCLK/QQVGA
8-bit 4:2:2 YCbCr
0
Y,Cb,Y,Cr …
24 MHz
6 MHz
1.5M
16-bit 4:2:2 YCbCr
Y, Y, …
Cb, Cr, …
12 MHz
3 MHz
0.75M
16-bit RGB (5,6,5)
RG
GB
12 MHz
3 MHz
0.75M
24-bit RGB
G, G, …
R, B, …
24MHz
Invalid
Invalid


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn