Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC80C0104D Datasheet(PDF) 80 Page - List of Unclassifed Manufacturers

Part # MC80C0104D
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MC80C0104D Datasheet(HTML) 80 Page - List of Unclassifed Manufacturers

Back Button MC80C0104D Datasheet HTML 76Page - List of Unclassifed Manufacturers MC80C0104D Datasheet HTML 77Page - List of Unclassifed Manufacturers MC80C0104D Datasheet HTML 78Page - List of Unclassifed Manufacturers MC80C0104D Datasheet HTML 79Page - List of Unclassifed Manufacturers MC80C0104D Datasheet HTML 80Page - List of Unclassifed Manufacturers MC80C0104D Datasheet HTML 81Page - List of Unclassifed Manufacturers MC80C0104D Datasheet HTML 82Page - List of Unclassifed Manufacturers MC80C0104D Datasheet HTML 83Page - List of Unclassifed Manufacturers MC80C0104D Datasheet HTML 84Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 126 page
background image
MC80F0104/0204
Preliminary
76
Mar. 2005 Ver 0.2
16.3 Communication operation
The transmit operation is enabled when bit 7 (TXE) of the
asynchronous serial interface mode register (ASIMR) is
set to 1. The transmit operation is started when transmit
data is written to the transmit shift register (TXR). The tim-
ing of the transmit completion interrupt request is shown in
Figure 16-6 .
The receive operation is enabled when bit 6 (RXE) of the
asynchronous serial interface mode register (ASIMR) is
set to 1, and input via the RxD pin is sampled. The serial
clock specified by ASIMR is used to sample the RxD pin.
Once reception of one data frame is completed, a receive
completion interrupt request (INT_RX) occurs. Even if an
error has occurred, the receive data in which the error oc-
curred is still transferred to RXR. When ASIMR bit 1 (IS-
RM) is cleared to 0 upon occurrence of an error, and
INT_RX occurs. When ISRM bit is set to 1, INT_RX does
not occur in case of error occurrence. Figure 16-6 shows
the timing of the asynchronous serial interface receive
completion interrupt request.
Figure 16-6 UART data format and interrupt timing diagram
D0
D1
TxD
TX
D2
RxD
D4
D3
D6
D5
D7
Parity
INTERRUPT
Stop
1 data frame
character bits
1 data frame consists of following bits.
- Start bit : 1 bit
- Character bits : 8 bits
- Parity bit : Even parity, Odd parity, Zero parity, No parity
- Stop bit(s) : 1 bit or 2 bits
RX
INTERRUPT
Start
1. Stop bit Length : 1 bit
D0
D1
TxD
TX
D2
RxD
D4
D3
D6
D5
D7
Parity
INTERRUPT
Stop
1 data frame
character bits
RX
INTERRUPT
Start
2. Stop bit Length : 2 bit
D0
D1
TxD
TX
D2
RxD
D4
D3
D6
D5
D7
INTERRUPT
1 data frame
character bits
RX
INTERRUPT
Start
3. Stop bit Length : 1 bit, No parity
Stop


Similar Part No. - MC80C0104D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC80C0208 ETC1-MC80C0208 Datasheet
1Mb / 128P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80C0208K ETC1-MC80C0208K Datasheet
1Mb / 128P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80C0208Q ETC1-MC80C0208Q Datasheet
1Mb / 128P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80C0216 ETC1-MC80C0216 Datasheet
1Mb / 128P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80C0216K ETC1-MC80C0216K Datasheet
1Mb / 128P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - MC80C0104D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com