Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC80C0104D Datasheet(PDF) 76 Page - List of Unclassifed Manufacturers

Part # MC80C0104D
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MC80C0104D Datasheet(HTML) 76 Page - List of Unclassifed Manufacturers

Back Button MC80C0104D Datasheet HTML 72Page - List of Unclassifed Manufacturers MC80C0104D Datasheet HTML 73Page - List of Unclassifed Manufacturers MC80C0104D Datasheet HTML 74Page - List of Unclassifed Manufacturers MC80C0104D Datasheet HTML 75Page - List of Unclassifed Manufacturers MC80C0104D Datasheet HTML 76Page - List of Unclassifed Manufacturers MC80C0104D Datasheet HTML 77Page - List of Unclassifed Manufacturers MC80C0104D Datasheet HTML 78Page - List of Unclassifed Manufacturers MC80C0104D Datasheet HTML 79Page - List of Unclassifed Manufacturers MC80C0104D Datasheet HTML 80Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 126 page
background image
MC80F0104/0204
Preliminary
72
Mar. 2005 Ver 0.2
Figure 16-2 Baud Rate Generator Block Diagram
16.2 Serial Interface Configuration
The UART interface consists of the following hardware.
Transmit shift register (TXR)
This is the register for setting transmit data. Data written to
TXR is transmitted as serial data. When the data length is
set as 7 bit, bit 0 to 6 of the data written to TXR are trans-
ferred as transmit data. Writing data to TXR starts the
transmit operation.
TXR can be written by an 8 bit memory manipulation in-
struction. It cannot be read. The RESET input sets TXR to
0FFH.
Receive buffer register (RXR)
This register is used to hold receive data. When one byte of
data is received, one byte of new receive data is transferred
from the receive shift register (RXSR). When the data
length is set as 7 bits, receive data is sent to bits 0 to 6 of
RXR. In this case, the MSB of RXR always becomes 0.
RXR can be read by an 8 bit memory manipulation instruc-
tion. It cannot be written. The RESET input sets RXR to
00H.
Receive shift register
This register converts serial data input via the RXD pin to
paralleled data. When one byte of data is received at this
register cannot be manipulated directly by a program.
Asynchronous serial interface mode register
(ASIMR)
This is an 8 bit register that controls UART serial transfer
operation. ASIMR is set by a 1 bit or 8 bit memory manip-
ulation intruction. The RESET input sets ASIMR to
0000_-00-B. Figure 16-3 shows the format of ASIMR The
RXD / R04 and TXD / R05 pin function selection is shown
in Table 16-2.
Note: Do not switch the operation mode until the current serial
transmit/receive operation has stopped.
MUX
RECEIVE
RxE
Tx_Clock
Rx_Clock
TxE
SEND
5-bit counter
Decoder
5-bit counter
match
match
(BRGCR)
-
TPS2 TPS1 TPS0 MDL3 MDL2 MDL1 MDL0
ACLK PIN
fXIN÷2 ~ fXIN÷128
Internal Data Bus
÷2
(Divider)
÷2
(Divider)
Item
Configuration
Register
Transmit shift register (TXR)
Receive buffer register (RXR)
Receive shift register
Control
register
Serial interface mode register (ASIMR)
Serial interface status register (ASISR)
Baud rate generator control register (BRGCR)
Table 16-1 Serial Interface Configuration


Similar Part No. - MC80C0104D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC80C0208 ETC1-MC80C0208 Datasheet
1Mb / 128P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80C0208K ETC1-MC80C0208K Datasheet
1Mb / 128P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80C0208Q ETC1-MC80C0208Q Datasheet
1Mb / 128P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80C0216 ETC1-MC80C0216 Datasheet
1Mb / 128P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
MC80C0216K ETC1-MC80C0216K Datasheet
1Mb / 128P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - MC80C0104D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com